Electronic Components Datasheet Search
  English  ▼

X  

DP83255 Datasheet(PDF) 37 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP83255
Description  PLAYER Device (FDDI Physical Layer Controller)
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP83255 Datasheet(HTML) 37 Page - National Semiconductor (TI)

Back Button DP83255 Datasheet HTML 33Page - National Semiconductor (TI) DP83255 Datasheet HTML 34Page - National Semiconductor (TI) DP83255 Datasheet HTML 35Page - National Semiconductor (TI) DP83255 Datasheet HTML 36Page - National Semiconductor (TI) DP83255 Datasheet HTML 37Page - National Semiconductor (TI) DP83255 Datasheet HTML 38Page - National Semiconductor (TI) DP83255 Datasheet HTML 39Page - National Semiconductor (TI) DP83255 Datasheet HTML 40Page - National Semiconductor (TI) DP83255 Datasheet HTML 41Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 96 page
background image
50 Registers (Continued)
RECEIVE CONDITION MASK REGISTER B (RCMRB)
The Receive Condition Mask Register B allows the user to dynamically select which events will generate an interrupt
The Receiver Condition B bit (RCB) of the Interrupt Condition Register (ICR) will be set to 1 when one or more bits within the
Receive Condition B (RCRA) is set to 1 and the corresponding mask bits in this register is also set to 1
Since this register is cleared (ie set to 0) during the reset process all interrupts are initially masked
ACCESS RULES
ADDRESS
READ
WRITE
0Ch
Always
Always
D7
D6
D5
D4
D3
D2
D1
D0
RES
SILSM
EBOUM
CSEM
LSUPVM
ALSM
STM
ILSM
Bit
Symbol
Description
D0
ILSM
IDLE LINE STATE MASK
The mask bit for the Idle Line State bit (ILS) of the
Receive Condition Register B (RCRB)
D1
STM
STATE THRESHOLD MASK
The mask bit of the State Threshold bit (ST) of
the Receive Condition Register B (RCRB)
D2
ALSM
ACTIVE LINE STATE MASK
The mask bit for the Active Line State bit (ALS)
of the Receive Condition Register B (RCRB)
D3
LSUPVM
LINE STATE UNKNOWN
PHY VALID MASK
The mask bit for the Line
State Unknown
PHY Valid bit (LSUPV) of the Receive Condition Register B
(RCRB)
D4
CSEM
CASCADE SYNCHRONIZATION ERROR MASK
The mask bit for the
Cascade Synchronization Error bit (CSE) of the Receive Condition Register B
(RCRB)
D5
EBOUM
ELASTICITY BUFFER OVERFLOWUNDERFLOW MASK
The mask bit for
the Elasticity Buffer OverflowUnderflow bit (EBOU) of the Receive Condition
Register B (RCRB)
D6
SILSM
SUPER IDLE LINE STATE MASK
The mask bit for the Super Idle Line State
bit (SILS) of the Receive Condition Register B (RCRB)
D7
RESM
RESERVED MASK
The mask bit for the Reserved bit (RES) of the Receive
Condition Register B (RCRB)
37



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com