Electronic Components Datasheet Search
  English  ▼

X  

DP83255 Datasheet(PDF) 60 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP83255
Description  PLAYER Device (FDDI Physical Layer Controller)
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP83255 Datasheet(HTML) 60 Page - National Semiconductor (TI)

Back Button DP83255 Datasheet HTML 56Page - National Semiconductor (TI) DP83255 Datasheet HTML 57Page - National Semiconductor (TI) DP83255 Datasheet HTML 58Page - National Semiconductor (TI) DP83255 Datasheet HTML 59Page - National Semiconductor (TI) DP83255 Datasheet HTML 60Page - National Semiconductor (TI) DP83255 Datasheet HTML 61Page - National Semiconductor (TI) DP83255 Datasheet HTML 62Page - National Semiconductor (TI) DP83255 Datasheet HTML 63Page - National Semiconductor (TI) DP83255 Datasheet HTML 64Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 96 page
background image
60 Pin Descriptions (Continued)
PHY PORT INTERFACE
The PHY Port Interface consists of IO signals used to connect the PLAYER Device to the Media Access Control (MAC)
sublayer or other PLAYER Devices The DP83251 Device has one PHY Port Interface which consists of the B
Request and the
A
Indicate paths
Each path consists of an odd parity bit a control bit and two 4-bit symbols
Refer to Section 33 the Configuration Switch for further information
Symbol
Pin No
IO
Description
AIP
16
O
PHY Port A Indicate Parity
A TTL output signal representing odd parity for the 10-bit
wide Port A Indicate signals (AIP AIC and AIDk70l)
AIC
17
O
PHY Port A Indicate Control
A TTL output signal indicating that the two 4-bit symbols
(AIDk74l and AIDk30l) are either control symbols (AIC e 1) or data symbols (AIC
e
0)
AID7
18
O
PHY Port A Indicate Data
TTL output signals representing the first 4-bit datacontrol
symbol
AID6
19
AID5
21
AID7 is the most significant bit and AID4 is the least significant bit of the first symbol
AID4
23
AID3
25
O
PHY Port A Indicate Data
TTL output signals representing the second 4-bit data
control symbol
AID2
26
AID1
27
AID3 is the most significant bit and AID0 is the least significant bit of the second symbol
AID0
28
BRP
70
I
PHY Port B Request Parity
A TTL input signal representing odd parity for the 10-bit
wide Port A Request signals (BRP BRC and BRDk70l)
BRC
69
I
PHY Port B Request Control
A TTL input signal indicating that the two 4-bit symbols
(BRDk74l) and BRDk30l) are either control symbols (BRC e 1) or data symbols
(BRC e 0)
BRD7
68
I
PHY Port B Request Data
TTL input signals representing the first 4 bit datacontrol
symbol
BRD6
67
BRD5
65
BRD7 is the most significant bit and BRD4 is the least significant bit of the first symbol
BRD4
63
BRD3
61
I
PHY Port B Request Data
TTL input signals representing the second 4-bit datacontrol
symbol
BRD2
60
BRD1
59
BRD3 is the most significant bit and BRD0 is the least significant bit of the second
symbol
BRD0
58
60



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com