Electronic Components Datasheet Search
  English  ▼

X  

DP83255 Datasheet(PDF) 75 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP83255
Description  PLAYER Device (FDDI Physical Layer Controller)
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP83255 Datasheet(HTML) 75 Page - National Semiconductor (TI)

Back Button DP83255 Datasheet HTML 71Page - National Semiconductor (TI) DP83255 Datasheet HTML 72Page - National Semiconductor (TI) DP83255 Datasheet HTML 73Page - National Semiconductor (TI) DP83255 Datasheet HTML 74Page - National Semiconductor (TI) DP83255 Datasheet HTML 75Page - National Semiconductor (TI) DP83255 Datasheet HTML 76Page - National Semiconductor (TI) DP83255 Datasheet HTML 77Page - National Semiconductor (TI) DP83255 Datasheet HTML 78Page - National Semiconductor (TI) DP83255 Datasheet HTML 79Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 96 page
background image
60 Pin Descriptions (Continued)
MISCELLANEOUS INTERFACE
The Miscellaneous Interface consists of a reset signal user definable sense signals user definable enable signals Cascaded
PLAYER device’s synchronization signals ground signals and power signals
Symbol
Pin No
IO
Description
RST
111
I
Reset
An active low TTL input signal which clears all registers The signal must be kept
asserted for a minimum of 160 ns
Once the RST signal is asserted the PLAYER device should be allowed 960 ns to reset
internal logic Note that bit zero of the Mode Register will be set to zero (ie Stop Mode)
See Section 42 Stop Mode of Operation for more information
SP0
22
I
User Definable Sense Pin 0
A TTL input signal from a user defined source Bit zero
(Sense Bit 0) of the User Definable Register (UDR) will be set to one if the signal is
asserted for a minimum of 160 ns
Once the asserted signal is latched Sense Bit 0 can only be cleared through the Control
Bus Interface even if the signal is deasserted This ensures that the Control Bus
Interface will record the source of events which can cause interrupts
SP1
23
I
User Definable Sense Pin 1
A TTL input signal from a user defined source Bit one
(Sense Bit 1) of the User Definable Register (UDR) will be set to one if the signal is
asserted for a minimum of 160 ns
Once the asserted signal is latched Sense Bit 0 can only be cleared through the Control
Bus Interface even if the signal is deasserted This ensures that the Control Bus
Interface will record the source of events which can cause interrupts
EP0
11
O
User Definable Enable Pin 0
A TTL output signal allowing control of external logic
through the Control Bus Interface EP0 is asserteddeasserted through bit two (Enable
Bit 0) of the User Definable Register (UDR) When Enable Bit 0 is set to zero EP0 is
deasserted When Enable Bit 0 is set to one EP0 is asserted
EP1
12
O
User Definable Enable Pin 1
A TTL output signal allowing control of external logic
through the Control Bus Interface EP1 is asserteddeasserted through bit two (Enable
Bit 1) of the User Definable Register (UDR) When Enable Bit 1 is set to zero EP1 is
deasserted When Enable Bit 1 is set to one EP1 is asserted
CS
47
I
Cascade Start
A TTL input signal used to synchronize cascaded PLAYER devices in
point-to-point applications
The signal is asserted when all of the cascaded PLAYER devices have the Cascade
Mode (CM) bit of the Mode Register (MR) set to one and all of the Cascade Ready (CR)
pins of the cascaded PLAYER devices have been released
For further information refer to Section 44 Cascade Mode of Operation
CR
48
O
Cascade Ready
An Open Drain output signal used to synchronize cascaded PLAYER
devices in point-to-point applications
The signal is released when all the cascaded PLAYER devices have the Cascade Mode
(CM) bit of the Mode Register (MR) set to one and a JK symbol pair has been received
For further information refer to section 44 Cascade Mode of Operation
75



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com