Electronic Components Datasheet Search
  English  ▼

X  

TMP1827 Datasheet(PDF) 39 Page - Texas Instruments

Part # TMP1827
Description  TMP1827 1-Wire®, ±0.2°C Accurate Temperature Sensor With SHA-256-HMAC Authentication Engine, 2Kb EEPROM
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMP1827 Datasheet(HTML) 39 Page - Texas Instruments

Back Button TMP1827 Datasheet HTML 35Page - Texas Instruments TMP1827 Datasheet HTML 36Page - Texas Instruments TMP1827 Datasheet HTML 37Page - Texas Instruments TMP1827 Datasheet HTML 38Page - Texas Instruments TMP1827 Datasheet HTML 39Page - Texas Instruments TMP1827 Datasheet HTML 40Page - Texas Instruments TMP1827 Datasheet HTML 41Page - Texas Instruments TMP1827 Datasheet HTML 42Page - Texas Instruments TMP1827 Datasheet HTML 43Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 65 page
background image
Table 9-7. Register Scratchpad-1 Update and Program Configuration EEPROM (continued)
HOST TO DEVICE
DEVICE TO HOST
COMMENTS
CRC
Device sends CRC for the register bytes
Reset
Host sends reset to initialize communication
Answer to Reset
Device responds to initialization
MATCHADDR (55h)
Host sends address command to select specific device
DEVICE-1 ADDRESS
Host sends 8 byte for selecting device-1
COPY SCRATCHPAD-1
(48h)
Host sends function command to write copy scratchpad-1 to configuration
EEPROM
Bus idle for tPROG for
register
Bus is held in idle state (high) during configuration EEPROM erase-program
9.5.4 Single Device EEPROM Programming and Verify
Table 9-8 shows the correct procedure the host must execute to update the EEPROM. When communicating
with a single device, the host may use the SKIPADDR command. However when communicating with multiple
devices, the host must use the MATCHADDR command or the FLEXADDR command to address the correct
device. The host writes to the EEPROM scratchpad first, reads it back to verify the content before it copies the
same to the user EEPROM. The copy command is issued with the qualifier byte A5h and the bus is held idle for
the duration of erase and program of the EEPROM. The host shall repeat the sequence for every 8 byte page.
After the locations are programmed, the host may issue an READ EEPROM function with the start address to
read all the bytes. The device shall read back the bytes in page size and put a CRC byte after every page to
ensure that the host shall be able to identify bit corruption using the CRC over a smaller data packet.
As long as the host continues the read operation, the device shall read back 8 bytes of data followed by a CRC
byte. When the device reaches the end of the EEPROM block, the device shall return all 1's to the host.
Table 9-8. Single Device EEPROM Program and Verify Sequence
HOST TO DEVICE
DEVICE TO HOST
COMMENTS
Reset
Host sends reset to initialize communication
Answer to Reset
Device responds to initialization
SKIPADDR (CCh)
Host sends address command to select all device(s)
WRITE SCRATCHPAD-2
(0Fh)
Host sends function command to write to scratchpad-2
2-byte EEPROM Address
Host sends 2-byte EEPROM address where data has to be written with MSB first
and LSB last
8-bytes data
Host sends 8-byte data for the EEPROM address
CRC
Device sends CRC for the address and data
Reset
Host sends reset to initialize communication
Answer to Reset
Device responds to initialization
SKIPADDR (CCh)
Host sends address command to select all device(s)
READ SCRATCHPAD-2
(AAh)
Host sends function command to read from scratchpad-2
2-byte EEPROM Address
Host sends 2-byte EEPROM address for which data has been written with MSB
first and LSB last
8-bytes data
Device sends 8 bytes from scratchpad-2
CRC
Device sends CRC for the 8 bytes
Reset
Host sends reset to initialize communication
Answer to Reset
Device responds to initialization
SKIPADDR (CCh)
Host sends address command to select all device(s)
COPY SCRATCHPAD-2
(55h)
Host sends function command to copy scratchpad-2 to EEPROM
A5h
Host sends qualifier byte for EEPROM program
www.ti.com
TMP1827
SBOSA15A – SEPTEMBER 2022 – REVISED MAY 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
39
Product Folder Links: TMP1827



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com