Electronic Components Datasheet Search
  English  ▼

X  

TMP1827 Datasheet(PDF) 23 Page - Texas Instruments

Part # TMP1827
Description  TMP1827 1-Wire®, ±0.2°C Accurate Temperature Sensor With SHA-256-HMAC Authentication Engine, 2Kb EEPROM
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMP1827 Datasheet(HTML) 23 Page - Texas Instruments

Back Button TMP1827 Datasheet HTML 19Page - Texas Instruments TMP1827 Datasheet HTML 20Page - Texas Instruments TMP1827 Datasheet HTML 21Page - Texas Instruments TMP1827 Datasheet HTML 22Page - Texas Instruments TMP1827 Datasheet HTML 23Page - Texas Instruments TMP1827 Datasheet HTML 24Page - Texas Instruments TMP1827 Datasheet HTML 25Page - Texas Instruments TMP1827 Datasheet HTML 26Page - Texas Instruments TMP1827 Datasheet HTML 27Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 65 page
background image
VIL
VIH
VDD/VPUR
tSLOT
tRL
tMSW
tREC
Host Read-1
tRWAIT
VIL
VIH
VDD/VPUR
tSLOT
tMSW
tREC
Host Read-0
tRWAIT
tRL
Host drives SDQ
Device drives SDQ
High Impedance, external pullup
Figure 9-11. Host Read, Device Write
9.3.14 Bus Speed
The device supports both standard speed (8.33 kbps) and overdrive speed (90 kbps) data rates. All devices
are factory programmed to start in overdrive speed to enable higher data throughput. If the host requires the
device to operate at standard speed, then the host can easily switch the device by issuing a standard speed bus
reset. The seamless switchover allows the host to leverage better data rates on new designs, while maintaining
backward compatibility for older design.
Additionally, the device also provides the flexibility to switch from standard to overdrive speed mode using
address phase commands of OVD SKIPADDR and OVD MATCHADDR.
• When host issues OVD SKIPADDR, then all devices capable to support the overdrive mode on the bus
switch, from standard speed to overdrive speed.
• When host issues OVD MATCHADDR, then the device whose 64-bit device address matches the address
that host sends will switch from standard to overdrive speed.
9.3.15 NIST Traceability
The accuracy of temperature testing is verified with equipment that is calibrated by an accredited lab that
complies with ISO/IEC 17025 policies and procedures. Each device is tested and trimmed to conform to its
respective data sheet specification limits.
9.4 Device Functional Modes
The TMP1827 device features flexible one-shot temperature conversion modes along with robust user EEPROM
architecture, which is described in the sections below.
9.4.1 Conversion Modes
The TMP1827 supports both one-shot and continuous conversion modes. There are different methods for
one-shot conversion modes, that may be used based on single device or multiple device bus network. The
continuous conversion mode is only supported in VDD powered mode. Each of the conversion modes are with
single temperature sample, but the host can enable eight samples averages in the device for improved accuracy.
The conversion always results in a single temperature sample, but the host can enable eight samples averages
in the device to reduce conversion noise and improve accuracy.
9.4.1.1 Basic One-Shot Conversion Mode
The basic one-shot conversion mode is the default conversion mode. The device goes through a bus reset,
address and function phase to initiate the temperature conversion. During the communication, the device is in
shutdown mode. When the conversion request is registered by the device, the device starts active conversion
www.ti.com
TMP1827
SBOSA15A – SEPTEMBER 2022 – REVISED MAY 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
23
Product Folder Links: TMP1827



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com