Electronic Components Datasheet Search
  English  ▼

X  

TMP1827 Datasheet(PDF) 29 Page - Texas Instruments

Part # TMP1827
Description  TMP1827 1-Wire®, ±0.2°C Accurate Temperature Sensor With SHA-256-HMAC Authentication Engine, 2Kb EEPROM
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMP1827 Datasheet(HTML) 29 Page - Texas Instruments

Back Button TMP1827 Datasheet HTML 25Page - Texas Instruments TMP1827 Datasheet HTML 26Page - Texas Instruments TMP1827 Datasheet HTML 27Page - Texas Instruments TMP1827 Datasheet HTML 28Page - Texas Instruments TMP1827 Datasheet HTML 29Page - Texas Instruments TMP1827 Datasheet HTML 30Page - Texas Instruments TMP1827 Datasheet HTML 31Page - Texas Instruments TMP1827 Datasheet HTML 32Page - Texas Instruments TMP1827 Datasheet HTML 33Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 65 page
background image
9.4.3.2.2 MATCHADDR (55h)
The command is used by the host and is followed by a 64-bit address that is used to select a single device on
the bus. The address for each device is unique, therefore only one device can be selected by the command
while all other devices continue to wait for a bus reset.
9.4.3.2.3 SEARCHADDR (F0h)
The command is used by the host to identify the 64-bit address of each of the devices on the bus after the
system is powered up (see Figure 9-21). Additionally, this command may be run by the host to discover any
new devices that may be added to the system later. When there is a single device bus, the host can skip the
command and instead use the SKIPADDR or OVD_SKIPADDR commands to access the device.
As shown in right side flow of Figure 9-21, when the fast arbitration mode is enabled by setting ARB_MODE
bits as '11b' in the device configuration-2 register, the devices check the bus for the transmitted bit. If the device
reads a bit value other than what they had transmitted, they no longer respond to the command until the next
bus reset. A device that wins the bus continues until the 64th bit, sets the ARB_DONE bit in its status register to
'1b' and stops responding to the next SEARCHADDR command. The arbitration function allows the host a fast
discovery of the devices without having to go through the complicated, memory intensive and longer discovery
method using traditional SEARCHADDR command. At the same time, if the host has an issue on the bus, then
it can simply perform a broadcast write to disable and enable the arbitration mode to restart the fast arbitration
mode.
The device also features an optimized arbitration mode which is enabled by setting ARB_MODE bits as '10b'.
The devices check the transmitted bit, and if the devices detect a logic '0' when they send a logic '1', they do not
participate in the SEARCHADDR command until the next SEARCHADDR command is sent. The device that is
able to send all 64 bits successfully, wins the bus and sets the ARB_DONE bit in its status register to '1b' and
stops responding to next SEARCHADDR command. As a result of the optimized arbitration mode, the host does
not have to manage the complex memory structure to identify devices on the bus and can still use the legacy
software search algorithm.
The host must top searching for devices when it receives "FFFFFFFFh". The host must disable the arbitration
mode bits to clear the ARB_DONE status and enable only when it wants to search for new devices added to the
existing bus.
www.ti.com
TMP1827
SBOSA15A – SEPTEMBER 2022 – REVISED MAY 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
29
Product Folder Links: TMP1827



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com