Electronic Components Datasheet Search
  English  ▼

X  

TMP1827 Datasheet(PDF) 13 Page - Texas Instruments

Part # TMP1827
Description  TMP1827 1-Wire®, ±0.2°C Accurate Temperature Sensor With SHA-256-HMAC Authentication Engine, 2Kb EEPROM
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMP1827 Datasheet(HTML) 13 Page - Texas Instruments

Back Button TMP1827 Datasheet HTML 9Page - Texas Instruments TMP1827 Datasheet HTML 10Page - Texas Instruments TMP1827 Datasheet HTML 11Page - Texas Instruments TMP1827 Datasheet HTML 12Page - Texas Instruments TMP1827 Datasheet HTML 13Page - Texas Instruments TMP1827 Datasheet HTML 14Page - Texas Instruments TMP1827 Datasheet HTML 15Page - Texas Instruments TMP1827 Datasheet HTML 16Page - Texas Instruments TMP1827 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 65 page
background image
9 Detailed Description
9.1 Overview
The TMP1827 is a digital output temperature sensor designed for thermal-management and thermal-protection
applications. The TMP1827 is a 1-Wire device which can operate in either supply powered or bus powered
(parasitic powered) mode. The device features a 2Kb EEPROM, SHA-256-HMAC based authentication engine.
Figure 9-1 shows the TMP1827 block diagram.
9.2 Functional Block Diagram
VDD
GND
SDQ
1-Wire Interface
Controller
ScratchPad-1
2Kb User EEPROM
Temperature
sensor circuit
Power Control &
Device Capacitor
ScratchPad-2
IO3
IO2/ALERT
IO1
IO0
Oscillator
Con gura on
EEPROM
ADC
Internal
thermal
BJT
Security
Controller
and SHA-256-
HMAC
Key and
Memory
Protec on
ADDR
Figure 9-1. Functional Block Diagram
9.3 Feature Description
9.3.1 Power Up
The device operates in both supply powered and bus powered mode. In both modes, when the supply voltage
reaches within the operating range, the device requires tINIT to initialize itself. After tINIT, the host MCU can begin
accessing the device.
During initialization, the device may not respond to any bus activity. When initialization is complete, the device
shall wait for the bus reset from the host. During the initialization for the device, the following events take place:
• The EEPROM content for short address, temperature alert low, temperature alert high and temperature offset
registers are restored.
• The EEPROM for the IO configuration register is read and contents of the IO configuration register is
restored.
• The EEPROM content for device configuration-1 and device configuration-2 registers are restored to the
respective registers.
– If the ARB_MODE bits is restored as '10b' or '11b', then the device will respond to the SEARCHADDR in
arbitration mode.
– If OD_EN bit is set to '1b', then the device shall communicate in overdrive speed, unless the first bus reset
pulse from the host is sent in standard speed.
• The user memory protection bits are restored and appropriate protection to the user EEPROM block applied.
• The authentication key and secret bytes are read from the EEPROM to internal flops for the authentication
operation.
www.ti.com
TMP1827
SBOSA15A – SEPTEMBER 2022 – REVISED MAY 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
13
Product Folder Links: TMP1827



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com