Electronic Components Datasheet Search
  English  ▼

X  

TMP1827 Datasheet(PDF) 16 Page - Texas Instruments

Part # TMP1827
Description  TMP1827 1-Wire®, ±0.2°C Accurate Temperature Sensor With SHA-256-HMAC Authentication Engine, 2Kb EEPROM
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMP1827 Datasheet(HTML) 16 Page - Texas Instruments

Back Button TMP1827 Datasheet HTML 12Page - Texas Instruments TMP1827 Datasheet HTML 13Page - Texas Instruments TMP1827 Datasheet HTML 14Page - Texas Instruments TMP1827 Datasheet HTML 15Page - Texas Instruments TMP1827 Datasheet HTML 16Page - Texas Instruments TMP1827 Datasheet HTML 17Page - Texas Instruments TMP1827 Datasheet HTML 18Page - Texas Instruments TMP1827 Datasheet HTML 19Page - Texas Instruments TMP1827 Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 65 page
background image
Table 9-2. Legacy (12-Bit) Temperature Data Format (continued)
TEMPERATURE
(°C)
DIGITAL OUTPUT
BINARY
HEXADECIMAL
–40
1111 1101 1000 0000
FD80
–55
1111 1100 1001 0000
FC90
9.3.5 Temperature Offset
The temperature offset has the same format as the temperature result and is stored in the temperature offset
registers.
The device, after every temperature conversion, applies the offset value before the temperature is stored in the
temperature result register. The host write to the offset register can be stored in the configuration EEPROM of
the device, which removes the overhead for the host to reprogram the value or reapply in software at every
power up. The offset features allow the device to achieve better accuracy at the temperature range for the
application by performing a single point calibration.
9.3.6 Temperature Alert
The temperature alert feature uses the temperature alert low registers for low threshold comparison and
temperature alert high registers for high threshold comparison. The format of the register is the same as the
temperature results.
The device shall compare the result of the last conversion with the alert thresholds. If the temperature result
is less than the low limit, or more than the high limits, then the device shall set the appropriate alert status
flag, in the status register. The alert status flags are cleared based on the ALERT_MODE setting in the device
configuration-1 register.
Additionally, if the IO2/ALERT pin is configured as an alert pin, the alert status is reflected on the pin in supply
powered mode.
9.3.7 Standard Device Address
Every device comes with a unique 64-bit address that is factory programmed. Additionally the device provides
flexible addressing modes that the host controller may use to improve bus throughput. This is described below.
9.3.7.1 Unique 64-Bit Device Address and ID
The device has a hard-coded, 64-bit address which is factory programmed and cannot be altered by the
customer application. The unique 64-bit device address is used for device addressing in the end application and
for NIST traceability. Figure 9-3 shows the format of the 64-bit address. When the host accesses the device or
when the device sends its address, the 64-bit unique address is sent least significant bit first. The unique 64-bit
address consists of 3 fields. The lower 8 bits consists of the device family code, followed by a 48-bit unique
number and 8-bit CRC checksum on the 56 bits preceding it.
The device family code for TMP1827 shall read as 27h.
8-bit Device Family
48-bit Unique Address
8-bit CRC
MSb
MSb
MSb
LSb
LSb
LSb
Bit-63
Bit-0
Figure 9-3. 64-Bit Device Address
9.3.8 Flexible Device Address
Depending on the user application case, the TMP1827 provides for some user and application configurable
address modes, called flexible address mode. These modes exist alongside the standard device address, and is
extremely useful for applications that require a combination of faster access and device position identification.
When the flexible device address is used, the short address register is updated. The short address register shall
be updated by the host write when the FLEX_ADDR_MODE bits are '00b'. When these bits are changed from
TMP1827
SBOSA15A – SEPTEMBER 2022 – REVISED MAY 2023
www.ti.com
16
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: TMP1827



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com