Electronic Components Datasheet Search
  English  ▼

X  

TMP1827 Datasheet(PDF) 1 Page - Texas Instruments

Part # TMP1827
Description  TMP1827 1-Wire®, ±0.2°C Accurate Temperature Sensor With SHA-256-HMAC Authentication Engine, 2Kb EEPROM
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMP1827 Datasheet(HTML) 1 Page - Texas Instruments

  TMP1827 Datasheet HTML 1Page - Texas Instruments TMP1827 Datasheet HTML 2Page - Texas Instruments TMP1827 Datasheet HTML 3Page - Texas Instruments TMP1827 Datasheet HTML 4Page - Texas Instruments TMP1827 Datasheet HTML 5Page - Texas Instruments TMP1827 Datasheet HTML 6Page - Texas Instruments TMP1827 Datasheet HTML 7Page - Texas Instruments TMP1827 Datasheet HTML 8Page - Texas Instruments TMP1827 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 65 page
background image
TMP1827 1-Wire®, ±0.2°C Accurate Temperature Sensor With SHA-256-HMAC
Authentication Engine, 2Kb EEPROM
1 Features
• 1-Wire® interface with multi-drop shared bus and
cyclic redundancy check (CRC)
• Bus powered with operating voltage: 1.7 V to 5.5 V
• IEC 61000-4-2 ESD for 8-kV contact discharge
• Functional Safety-Capable
– Documentation available to aid functional safety
system design
• High-accuracy digital temperature sensor
– TMP1827
• ±0.2°C (maximum) from +10°C to +45°C
• ±0.3°C (maximum) from –40°C to +105°C
• ±0.4°C (maximum) from –55°C to +150°C
– TMP1827N
• ±0.9°C (maximum) from –55°C to +150°C
• Temperature measurement current: 94 µA
• Shutdown current: 1.3 µA
• 16-bit temperature resolution: 7.8125 m°C (1 LSB)
• Fast data rates of 90 kbps in overdrive speed
• Flexible user programmable short address modes
for faster device address
• SHA-256-HMAC authentication scheme
– FIPS 180-4 compliant Secure Hash
Implementation
– FIPS 198-1 compliant HMAC Implementation
• 2Kb EEPROM features:
– Write operation in 64-bit block size
– Continuous read mode
– Read with write protection with 256-bit page
size
– Authenticated write protection mode with 256-
bit page size
– Programming current: 178 µA
• NIST traceable factory-programmed non erasable
64-bit identification number for device addressing
• Four configurable open-drain digital input-output
and temperature alert
2 Applications
• Factory automation and control
• Appliances
• Medical accessories
• CPAP machines
• Battery charger ICs
• EV charging infrastructure
• LED lighting
• Temperature transmitters
• Cold chain
3 Description
The TMP1827 is a high-accuracy, 1-Wire compatible
digital output temperature sensor with integrated 2Kb
EEPROM, SHA-256-HMAC authentication scheme
and a wide operating temperature range from –55°C
to +150°C. The TMP1827 provides a high accuracy
of ±0.1°C (typical)/±0.2°C (maximum) across the
temperature range of +10°C to +45°C. Each device
comes with a factory programmed 64-bit unique
identification number for addressing and NIST
traceability. The TMP1827 supports both standard
speed for legacy application and overdrive mode
with 90-kbps data rate for low latency communication
across a wide voltage range of 1.7 V to 5.5 V.
In the simplest mode of operation, the TMP1827 1-
Wire interface, with an integrated 8-kV IEC-61000-4-2
ESD protection on the data pin, requires only a single
connection and a ground return in bus powered mode,
which simplifies and reduces cost by reducing the
number of wires and external protection components.
Additionally, there is the VDD power pin also available
for applications that may want to have a dedicated
power supply.
Package Information
PART NUMBER
PACKAGE
(1)(2)
PACKAGE SIZE
(NOM)
TMP1827
WSON (8)
2.50 mm × 2.50 mm
(1)
For all available packages, see the orderable addendum at
the end of the data sheet.
(2)
These package options are compatible with 1-Wire® devices.
1-Wire is a registered trademark of Maxim Integrated
Products Inc.
MCU
VDD = 1.7V to 5.5V
RPU
TMP1827
SDQ
GND
VDD
TMP1827
SDQ
GND
VDD
GPIO
GND
VDD
VDD Powered
Bus Powered
Simplified Schematic
TMP1827
SBOSA15A – SEPTEMBER 2022 – REVISED MAY 2023
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - TMP1827

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMP1827 TI-TMP1827 Datasheet
2Mb / 68P
TMP1827 Single-Wire, ±0.3°C Accurate Temperature Sensor With SHA-256-HMAC Authentication Engine, 2-kbit EEPROM
SEPTEMBER 2022
TMP1827 TI-TMP1827 Datasheet
2Mb / 67P
TMP1827 1-Wire®, ±0.2°C Accurate Temperature Sensor With SHA-256-HMAC Authentication Engine, 2Kb EEPROM
REVISED MAY 2023
TMP1827N TI-TMP1827N Datasheet
2Mb / 67P
TMP1827 1-Wire®, ±0.2°C Accurate Temperature Sensor With SHA-256-HMAC Authentication Engine, 2Kb EEPROM
REVISED MAY 2023
TMP1827NGRR TI-TMP1827NGRR Datasheet
2Mb / 67P
TMP1827 1-Wire®, ±0.2°C Accurate Temperature Sensor With SHA-256-HMAC Authentication Engine, 2Kb EEPROM
REVISED MAY 2023
TMP1827NNGRR TI-TMP1827NNGRR Datasheet
2Mb / 67P
TMP1827 1-Wire®, ±0.2°C Accurate Temperature Sensor With SHA-256-HMAC Authentication Engine, 2Kb EEPROM
REVISED MAY 2023
More results

Similar Description - TMP1827

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS2432 MAXIM-DS2432 Datasheet
165Kb / 17P
1Kb Protected 1-Wire EEPROM with SHA-1 Engine
060608
DS2432 MAXIM-DS2432_12 Datasheet
432Kb / 17P
1Kb Protected 1-Wire EEPROM with SHA-1 Engine
Rev 3/12
DS28E22 MAXIM-DS28E22 Datasheet
799Kb / 6P
1-Wire SHA-256 Secure Authenticator with 2Kb User EEPROM
Rev 0; 9/12
DS28EL22 MAXIM-DS28EL22 Datasheet
338Kb / 5P
DeepCover Secure Authenticator with 1-Wire SHA-256 and 2Kb User EEPROM
Rev 1; 3/21
DS28E22 MAXIM-DS28E22_V01 Datasheet
875Kb / 6P
DeepCover Secure Authenticator with 1-Wire SHA-256 and 2Kb User EEPROM
219-0020; Rev 3; 7/21
DS28EL22 MAXIM-DS28EL22_V01 Datasheet
333Kb / 5P
DeepCover Secure Authenticator with 1-Wire SHA-256 and 2Kb User EEPROM
219-0023; Rev 2; 5/21
logo
Texas Instruments
TMP1827 TI-TMP1827 Datasheet
2Mb / 68P
TMP1827 Single-Wire, ±0.3°C Accurate Temperature Sensor With SHA-256-HMAC Authentication Engine, 2-kbit EEPROM
SEPTEMBER 2022
TMP1826 TI-TMP1826_V02 Datasheet
2Mb / 69P
TMP1826 1-Wire®, ±0.3°C Accurate Temperature Sensor With 2-kbit EEPROM
REVISED DECEMBER 2022
TMP1826 TI-TMP1826_V03 Datasheet
2Mb / 72P
TMP1826 1-Wire®, ±0.2°C Accurate Temperature Sensor With 2Kb EEPROM
REVISED MAY 2023
TMP1827 TI-TMP1827_V02 Datasheet
2Mb / 67P
TMP1827 1-Wire®, ±0.2°C Accurate Temperature Sensor With SHA-256-HMAC Authentication Engine, 2Kb EEPROM
REVISED MAY 2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com