Electronic Components Datasheet Search
  English  ▼

X  

TMP1827 Datasheet(PDF) 28 Page - Texas Instruments

Part # TMP1827
Description  TMP1827 1-Wire®, ±0.2°C Accurate Temperature Sensor With SHA-256-HMAC Authentication Engine, 2Kb EEPROM
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMP1827 Datasheet(HTML) 28 Page - Texas Instruments

Back Button TMP1827 Datasheet HTML 24Page - Texas Instruments TMP1827 Datasheet HTML 25Page - Texas Instruments TMP1827 Datasheet HTML 26Page - Texas Instruments TMP1827 Datasheet HTML 27Page - Texas Instruments TMP1827 Datasheet HTML 28Page - Texas Instruments TMP1827 Datasheet HTML 29Page - Texas Instruments TMP1827 Datasheet HTML 30Page - Texas Instruments TMP1827 Datasheet HTML 31Page - Texas Instruments TMP1827 Datasheet HTML 32Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 65 page
background image
to the bus reset, by reinitializing their internal state and responding to the host initiated bus reset. The devices
respond after a minimum of tPDH, by holding the 1-Wire low for a time period of tRSTH as shown in Figure 8-1.
All devices when powered up are configured with the OD_EN bit set as '1' in the device configuration-2 and OD
flag set as '1' in status register. If the host sends a bus reset pulse of 48 µs to 80 µs, then only devices operating
in overdrive speed shall respond to the bus reset pulse, while devices operating in standard mode shall continue
to wait for a standard mode bus reset.
If the host sends a bus reset pulse of minimum tRSTL for standard mode, the device shall reset the OD_EN bit
to '0' and respond to the bus reset in standard mode. If the bus consists of mixed standard and overdrive speed
devices, then sending a bus reset pulse in standard mode shall reset all devices to standard mode speed of
operation.
It is illegal for the host to send the bus reset for a particular speed of operation and then communicate at the
other speed mode. Also, if a bus reset pulse is sent which is greater than 80 µs (but less than 480 µs), then the
device communication shall be reset, though the device operation is not ensured.
9.4.3.2 Address Phase
Figure 9-20 shows the address phase that follows the bus reset phase. During this phase, the host presents 8-bit
commands which may be followed by either host sending a 64-bit device address, a 8-bit flexible address, or
skipping the address. Some of the commands are used to discover the device address, while others are used to
select the device.
Host Sends Reset
Pulse
TMP18xx switches
to Standard Speed.
OD Flag = 0
Is Reset pulse
width for Standard
Speed?
TMP18xx Responds
in Overdrive Speed
Host Sends Address
Command
33h (READADDR)?
55h (MATCHADDR)?
F0h (SEARCHADDR)?
CCh (SKIPADDR)?
Yes
No
No
No
No
No
TMP18xx Sends 8 Bytes of
Address, LSb to MSb
Host Sends 8 Bytes of
Address, LSb to MSb
Does TMP18xx
Address Match?
Address Search Algorithm
Host Sends Func on
Yes
Yes
Yes
No
Yes
ECh (ALERTSEARCH)?
No
TMP18xx with
Alert Flag Set?
Yes
TMP18xx Sends FLAG
TMP18xx Sends FLAG
Yes
Host Sends FLAG
69h
(OVD_MATCHADDR)?
No
Host Sends 8 Bytes of
Address, LSb to MSb
Does TMP18xx
Address Match?
Yes
Yes
No
OD Flag = 1
OD Flag = 0
3Ch
(OVD_SKIPADDR)?
No
Yes
OD Flag = 0
0Fh (FLEXADDR)?
No
Host Sends 1 Byte of
Short Address, LSb to MSb
Yes
Does TMP18xx Short
Address Match?
No
Yes
Is device in
Standard Speed?
Yes
No
Figure 9-20. Address Phase Flowchart
9.4.3.2.1 READADDR (33h)
The command can be used by the host to read the 64-bit address of the device. This command must only be
used when there is one device on the bus, as this command will cause a collision if multiple devices are present
on the bus.
TMP1827
SBOSA15A – SEPTEMBER 2022 – REVISED MAY 2023
www.ti.com
28
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: TMP1827



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com