Electronic Components Datasheet Search
  English  ▼

X  

TMP1827 Datasheet(PDF) 17 Page - Texas Instruments

Part # TMP1827
Description  TMP1827 1-Wire®, ±0.2°C Accurate Temperature Sensor With SHA-256-HMAC Authentication Engine, 2Kb EEPROM
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMP1827 Datasheet(HTML) 17 Page - Texas Instruments

Back Button TMP1827 Datasheet HTML 13Page - Texas Instruments TMP1827 Datasheet HTML 14Page - Texas Instruments TMP1827 Datasheet HTML 15Page - Texas Instruments TMP1827 Datasheet HTML 16Page - Texas Instruments TMP1827 Datasheet HTML 17Page - Texas Instruments TMP1827 Datasheet HTML 18Page - Texas Instruments TMP1827 Datasheet HTML 19Page - Texas Instruments TMP1827 Datasheet HTML 20Page - Texas Instruments TMP1827 Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 65 page
background image
the value '00b', the device decodes the address resistor connected on ADDR pin or IOs or both of them and
overlay on the short address register. This is helpful as the same set of 16 resistors or 16 IO combinations can
be used for up to 256 unique flexible address.
The FLEX_ADDR_MODE is not stored in the configuration EEPROM, therefore the host must copy the short
address register content into EEPROM configuration memory to make the short address values permanent
without the need to decode at every power up.
9.3.8.1 Non-Volatile Short Address
Figure 9-4 shows the user-programmable, 8-bit short address mode of the device. The host must copy the 8-bit
short address to the configuration EEPROM, so that at subsequent power up, the device loads the updated short
address and respond to the host.
MSb
LSb
Bit-7
Bit-0
NV0
NV1
NV2
NV3
NV4
NV5
NV6
NV7
Figure 9-4. Non-Volatile Short Address
9.3.8.2 IO Hardware Address
Figure 9-5 shows the 8-bit IO hardware address mode of the device. This feature is available on packages
which have general-purpose pins (IO0-IO3) available. The 8-bit value consists of the lower 4 bits as read values
of the pins (IO3 to IO0) that is overlaid on the contents of the short address register to form a 8-bit address.
The application may connect the general-purpose pins to either VDD/SDQ for logic '1' or GND for logic '0'. TI
recommends to use a 20 KΩ resistor to be placed between the IO and VDD/SDQ to prevent a supply shot in case
the IO pin is accidentally set to zero in output mode.
After having FLEX_ADDR_MODE as '00b', the host must set the bits as '01b' in the device configuration-2
register for the device to latch the state of the general-purpose pins.
MSb
LSb
Bit-7
Bit-0
IO0
IO1
IO2
IO3
NV4
NV5
NV6
NV7
Figure 9-5. IO Hardware Address
Note
IO pins must be configured as input before using IO hardware address mode. If any of the IO0 to IO3
pins are used in output mode, then the respective value shall be latched as '0'.
9.3.8.3 Resistor Address
The resistor address modes uses E96-series (1% tolerance) standard resistor connected between the ADDR pin
and ground. Figure 9-6 shows the 8-bit address with the lower 4 bits decoded from the resistor connected, which
is overlaid on the contents of the short address register.
MSb
LSb
Bit-7
Bit-0
RA0
RA1
RA2
RA3
NV4
NV5
NV6
NV7
Figure 9-6. Resistor Address
After having FLEX_ADDR_MODE as '00b', the host controller must set the bits as '10b' in the device
configuration-2 register which enables the device to decode the resistor connected. After writing the device
configuration-2 register, the host must place the device in shut down mode and idle the bus for tRESDET, for
the device to decode the resistor address. Table 9-3 shows the set value of the device address based on the
www.ti.com
TMP1827
SBOSA15A – SEPTEMBER 2022 – REVISED MAY 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
17
Product Folder Links: TMP1827



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com