Electronic Components Datasheet Search
  English  ▼

X  

GDEW0154M09 Datasheet(PDF) 23 Page - List of Unclassifed Manufacturers

Part # GDEW0154M09
Description  1.54 inch E-paper Display Series
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

GDEW0154M09 Datasheet(HTML) 23 Page - List of Unclassifed Manufacturers

Back Button GDEW0154M09 Datasheet HTML 19Page - List of Unclassifed Manufacturers GDEW0154M09 Datasheet HTML 20Page - List of Unclassifed Manufacturers GDEW0154M09 Datasheet HTML 21Page - List of Unclassifed Manufacturers GDEW0154M09 Datasheet HTML 22Page - List of Unclassifed Manufacturers GDEW0154M09 Datasheet HTML 23Page - List of Unclassifed Manufacturers GDEW0154M09 Datasheet HTML 24Page - List of Unclassifed Manufacturers GDEW0154M09 Datasheet HTML 25Page - List of Unclassifed Manufacturers GDEW0154M09 Datasheet HTML 26Page - List of Unclassifed Manufacturers GDEW0154M09 Datasheet HTML 27Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 58 page
background image
R42H
Temperature
Sensor Write
(TSW)
W 0
0
1
0
0
0
0
1
0
42H
W 1
WATTR[7]
WATTR[6] WATTR[5] WATTR[4] WATTR[3]
WATTR[2]
WATTR[1] WATTR[0]
00h
W 1
WMSB[7]
WMSB[6]
WMSB[5] WMSB[4]
WMSB[3]
WMSB[2]
WMSB[1]
WMSB[0]
00h
W 1
WLSB[7]
WLSB[6]
WLSB[5] WLSB[4]
WLSB[3]
WLSB[2]
WLSB[1]
WLSB[0]
00h
R43H
Temperature
Sensor Read
(TSR)
W 0
0
1
0
0
0
0
1
1
43H
R 1
RMSB[7]
RMSB[6]
RMSB[5] RMSB[4]
RMSB[3]
RMSB[2]
RMSB[1]
RMSB[0]
--
R 1
RLSB[7]
RLSB[6]
RLSB[5]
RLSB[4]
RLSB[3]
RLSB[2]
RLSB[1]
RLSB[0]
--
R44H
Panel Glass
Check
(PBC)
W 0
0
1
0
0
0
1
0
0
44H
R 1
-
-
-
-
-
-
-
PSTA
-
R50H
VCOM and
DATA
interval setting
(CDI)
W 0
0
1
0
1
0
0
0
0
50H
W 1
VBD[1]
VBD[0]
DDX[1]
DDX[0]
CDI[3]
CDI[2]
CDI[1]
CDI[0]
D7h
R51H
Lower Power
Detection
(LPD)
W 0
0
1
0
1
0
0
0
1
51H
R 1
GHD
SHD
SLD
SHRD-
-
-
-
LPD
--
R60H TCON setting
(TCON)
W 0
0
1
1
0
0
0
0
0
60H
W 1
S2G[3]
S2G[2]
S2G[1]-
S2G[0]
G2S[3]
G2S[2]
G2S[1]
G2S[0]
22h
R61H
Resolution
setting(TRES)
W 0
0
1
1
0
0
0
0
1
61H
W 1
HRES(7)
HRES(6)
HRES(5)
HRES(4)
HRES(3)
-
-
-
00h
W 1
-
-
-
-
-
-
-
VRES(8)
00h
W 1
VRES(7)
VRES(6)
VRES(5)
VRES(4)
VRES(3)
VRES(2)
VRES(1)
VRES(0)
00h
R65H
Gate/Source
Start Setting
(GSST)
W 0
0
1
1
0
0
0
1
0
65H
W 1 S_start (7) S_start (6) S_start (5) S_start (4) S_start (3)
-
-
-
00h
W 1
gscan
G_start [8]
00h
W 1 G_start (7) G_start (6)
G_start
(6)
G_start (4) G_start (3) G_start (2) G_start (1) G_start (0)
00h
R68H Internal VOTP
W 0
0
1
1
0
1
0
0
0
68H
W 1
Internal VOTP[7:0]
00h
R70H
REVISION
(REV)
W 0
0
1
1
1
0
0
0
0
70H
R 1
REV[7]
REV[6]
REV[5]
REV[4]
REV[3]
REV[2]
REV[1]
REV[0]
--
R 1
REV[15]
REV[14]
REV[13]
REV[12]
REV[11]
REV10]
REV[09]
REV[08]
--
R 1
Vendor ID
CHIP_REV
--
R71H
Status
register(FLG)
W 0
0
1
1
1
0
0
0
1
71H
R 1
Con_fb
PTL_flag
I2C_ERR
I2C_
BUSYN
Data_flag
PON
POF
BUSY_N
-
R7FH Read Reserved
Bytes
W 0
0
1
1
1
1
1
1
1
7FH
R 1
#
#
#
#
#
#
#
#
R80H
Auto Measure
Vcom
(AMV)
W 0
1
0
0
0
0
0
0
0
80 H
W 1
-
-
AMVT[1]
AMVT[0]
XON
AMVS
AMV
AMVE
10h
R81H Vcom Value
(VV)
W 0
1
0
0
0
0
0
0
1
81H
R 1
-
-
VV[5]
VV[4]
VV[3]
VV[2]
VV[1]
VV[0]
--
R82H
Vcom_DC
Setting
register(VDCS)
W 0
1
0
0
0
0
0
1
0
82H
W 1
-
-
VDCS[5]
VDCS[4]
VDCS[3]
VDCS[2]
VDCS[1]
VDCS[0]
00h
R90H Partial Window
(PTL)
W 0
1
0
0
1
0
0
0
0
90H
W 1
HRST[7:3]
0
0
0
00h
00h
GDEW0154M09
www.e-paper-display.com
23/58
1.54 inch Series



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com