Electronic Components Datasheet Search
  English  ▼

X  

GDEW0154M09 Datasheet(PDF) 28 Page - List of Unclassifed Manufacturers

Part # GDEW0154M09
Description  1.54 inch E-paper Display Series
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

GDEW0154M09 Datasheet(HTML) 28 Page - List of Unclassifed Manufacturers

Back Button GDEW0154M09 Datasheet HTML 24Page - List of Unclassifed Manufacturers GDEW0154M09 Datasheet HTML 25Page - List of Unclassifed Manufacturers GDEW0154M09 Datasheet HTML 26Page - List of Unclassifed Manufacturers GDEW0154M09 Datasheet HTML 27Page - List of Unclassifed Manufacturers GDEW0154M09 Datasheet HTML 28Page - List of Unclassifed Manufacturers GDEW0154M09 Datasheet HTML 29Page - List of Unclassifed Manufacturers GDEW0154M09 Datasheet HTML 30Page - List of Unclassifed Manufacturers GDEW0154M09 Datasheet HTML 31Page - List of Unclassifed Manufacturers GDEW0154M09 Datasheet HTML 32Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 58 page
background image
VSHR
VSHR _V
VSHR
VSHR _V
0000000
2.4V
…
…
0000001
2.5V
1111001
14.5V
0000010
2.6V
1111010
14.6V
0000011
2.7V
1111011
14.7V
0000100
2.8V
1111100
14.8V
0000101
2.9V
1111101
14.9V
0000110
3.0V
1111111
15.0V
0000111
3.1V
(others)
Note: VSH>VSHR
(3)
Power OFF (PWR) (R02H)
Action
W/R C/D D7
D6
D5
D4
D3
D2
D1
D0
Turning OFF the
0
0
0
0
0
0
0
0
1
0
After power off command, driver will power off base on power off sequence.
After power off command, BUSY_N signal will drop from high to low. When finish the
power off sequence, BUSY_N singal will rise from low to high.
Power off command will turn off charge pump, T-con, source driver, gate driver, VCOM,
temperature sensor, but register and SRAM data will keep until VDD off.
SD output and VCOM will base on previous condition. It may have two conditions: 0v or
floating.
(4)
Power off sequence setting (PFS) (R03H)
Action
W/R C/D D7 D6
D5
D4
D3
D2
D1
D0
Setting Power OFF
sequence
0
0
0
0
0
0
0
0
1
1
0
1
-
- T_VDS_OFF[1:0] -
-
-
-
T_VDS_OFF[1:0]:
Source to gate Power OFF interval time.
00b: 1frame (Default)
01b: 2 frames
10b: 3frames
11b:4 frame
(5)
Power ON (PON) (R04H)
Action
W/R C/D D7
D6
D5
D4
D3
D2
D1
D0
Turning ON the Power
0
0
0
0
0
0
0
1
0
0
After power on command, driver will power on base on power on sequence.
After power on command, BUSY_N signal will drop from high to low. When finishing the
power on sequence, BUSY_N signal will rise from low to high.
GDEW0154M09
www.e-paper-display.com
28/58
1.54 inch Series



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com