Electronic Components Datasheet Search
  English  ▼

X  

GDEW0154M09 Datasheet(PDF) 11 Page - List of Unclassifed Manufacturers

Part # GDEW0154M09
Description  1.54 inch E-paper Display Series
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

GDEW0154M09 Datasheet(HTML) 11 Page - List of Unclassifed Manufacturers

Back Button GDEW0154M09 Datasheet HTML 7Page - List of Unclassifed Manufacturers GDEW0154M09 Datasheet HTML 8Page - List of Unclassifed Manufacturers GDEW0154M09 Datasheet HTML 9Page - List of Unclassifed Manufacturers GDEW0154M09 Datasheet HTML 10Page - List of Unclassifed Manufacturers GDEW0154M09 Datasheet HTML 11Page - List of Unclassifed Manufacturers GDEW0154M09 Datasheet HTML 12Page - List of Unclassifed Manufacturers GDEW0154M09 Datasheet HTML 13Page - List of Unclassifed Manufacturers GDEW0154M09 Datasheet HTML 14Page - List of Unclassifed Manufacturers GDEW0154M09 Datasheet HTML 15Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 58 page
background image
CAUTION
The display module should not be exposed to harmful gases, such as acid and
alkali gases, which corrode electronic components.
Disassembling the display module can cause permanent damage and invalidate
the warranty agreements.
Observe general precautions that are common to handling delicate electronic
components. The glass can break and front surfaces can easily be damaged. Moreover
the display is sensitive to static electricity and other rough environmental conditions.
Data sheet status
Product specification The data sheet contains final product specifications.
Limiting values
Limiting values given are in accordance with the Absolute Maximum Rating System
(IEC 134).
Stress above one or more of the limiting values may cause permanent damage to
the device.
These are stress ratings only and operation of the device at these or any other
conditions above those given in the Characteristics sections of the specification is
not implied. Exposure to limiting values for extended periods may affect device
reliability.
Application information
Where application information is given, it is advisory and dose not form part of
the specification.
Product Environmental certification
RoHS
WARNING
The display glass may break when it is dropped or bumped on a hard surface.
Handle with care.
Should the display break, do not touch the electrophoretic material. In case of
contact with electrophoretic material, wash with water and soap.
2. Environmental
2.1 Handling, Safety and Environmental Requirements
GDEW0154M09
www.e-paper-display.com
11/58
1.54 inch Series



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com