Electronic Components Datasheet Search
  English  ▼

X  

GDEW0154M09 Datasheet(PDF) 56 Page - List of Unclassifed Manufacturers

Part # GDEW0154M09
Description  1.54 inch E-paper Display Series
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

GDEW0154M09 Datasheet(HTML) 56 Page - List of Unclassifed Manufacturers

Back Button GDEW0154M09 Datasheet HTML 50Page - List of Unclassifed Manufacturers GDEW0154M09 Datasheet HTML 51Page - List of Unclassifed Manufacturers GDEW0154M09 Datasheet HTML 52Page - List of Unclassifed Manufacturers GDEW0154M09 Datasheet HTML 53Page - List of Unclassifed Manufacturers GDEW0154M09 Datasheet HTML 54Page - List of Unclassifed Manufacturers GDEW0154M09 Datasheet HTML 55Page - List of Unclassifed Manufacturers GDEW0154M09 Datasheet HTML 56Page - List of Unclassifed Manufacturers GDEW0154M09 Datasheet HTML 57Page - List of Unclassifed Manufacturers GDEW0154M09 Datasheet HTML 58Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 56 / 58 page
background image
7. Point and line standard
Shipment Inseption Standard
Part-A:Active area
Part-B:Border area
Equipment:Electrical test fixture, Point gauge
Outline dimension:
31.8(H)*37.32(V)*0.98(D)
Unit:mm
Environment
Temperature
Humidity
Illuminance
Distance
Time
Angle
23±2℃
55±
5%RH
1200~
1500Lux
300 mm
35 Sec
Name
Causes
Spot size
Part-A
Part-B
Spot
B/W spot in glass
or protection
sheet, foreign
mat. Pin hole
D ≤ 0.15mm
Ignore
Ignore
0.15mm < D ≤ 0.25mm
2
0.25mm < D
0
Scratch or line
defect
Scratch on glass
or Scratch on FPL
or Particle is
Protection sheet.
Length
Width
Part-A
Ignore
L ≤1.0mm
W≤0.1 mm
Ignore
1.0 mm<L≤2.5mm0.1 mm<W≤0.2mm
2
2.5 mm < L
0.2mm < W
0
Air bubble
Air bubble
D1, D2 ≤ 0.15 mm
Ignore
Ignore
0.15 mm < D1,D2 ≤ 0.2mm
2
0.2mm < D1, D2
0
Side Fragment
X≤3mm,Y≤0.5mm & display is ok, Ignore
Remarks: Spot define: That only can be seen under WS or DS defects.
Any defect which is visible under gray pattern or transition process but
invisible under black and white is disregarded.
Here is definition of the “Spot” and “Scratch or line defect”.
Spot: W > 1/4L
Scratch or line defect: W ≤1/4L
Definition for L/W and D (major axis)
FPC bonding area pad doesn’t allowed visual inspection.
Note: AQL = 0.4
GDEW0154M09
www.e-paper-display.com
56/58
1.54 inch Series



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com