Electronic Components Datasheet Search
  English  ▼

X  

GDEW0154M09 Datasheet(PDF) 54 Page - List of Unclassifed Manufacturers

Part # GDEW0154M09
Description  1.54 inch E-paper Display Series
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

GDEW0154M09 Datasheet(HTML) 54 Page - List of Unclassifed Manufacturers

Back Button GDEW0154M09 Datasheet HTML 50Page - List of Unclassifed Manufacturers GDEW0154M09 Datasheet HTML 51Page - List of Unclassifed Manufacturers GDEW0154M09 Datasheet HTML 52Page - List of Unclassifed Manufacturers GDEW0154M09 Datasheet HTML 53Page - List of Unclassifed Manufacturers GDEW0154M09 Datasheet HTML 54Page - List of Unclassifed Manufacturers GDEW0154M09 Datasheet HTML 55Page - List of Unclassifed Manufacturers GDEW0154M09 Datasheet HTML 56Page - List of Unclassifed Manufacturers GDEW0154M09 Datasheet HTML 57Page - List of Unclassifed Manufacturers GDEW0154M09 Datasheet HTML 58Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 54 / 58 page
background image
6. Optical characteristics
6.1 Specifications
Measurements are made with that the illumination is under an angle of 45 degrees,
the detection is perpendicular unless otherwise specified.
T=25℃
SYMBOL PARAMETER CONDITIONS MIN
TYPE
MAX
UNIT Note
R
Reflectance
White
30
35
-
%
Note
6-1
Gn
2Grey Level
-
-
DS+(WS-DS)×n(m-1)
-
L*
-
CR
Contrast Ratio
indoor
8
-
-
-
-
Panel’s life
0℃~50℃
1000000 times or 5
years
Note
6-2
WS : White state, DS : Dark state
Gray state from Dark to White : DS、WS
m : 2
Note 6-1: Luminance meter : Eye – One Pro Spectrophotometer
Note 6-2: Panel life will not guaranteed when work in temperature below 0 degree or
above 50 degree. Each update interval time should be minimum at 180 seconds.
6.2 Definition of contrast ratio
The contrast ratio (CR) is the ratio between the reflectance in a full white area (R1)
and the reflectance in a dark area (Rd)() :
R1: white reflectance Rd: dark reflectance
CR = R1/Rd
Ring light
Detector
θ
Display
GDEW0154M09
www.e-paper-display.com
54/58
1.54 inch Series



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com