Electronic Components Datasheet Search
  English  ▼

X  

GDEW0154M09 Datasheet(PDF) 38 Page - List of Unclassifed Manufacturers

Part # GDEW0154M09
Description  1.54 inch E-paper Display Series
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

GDEW0154M09 Datasheet(HTML) 38 Page - List of Unclassifed Manufacturers

Back Button GDEW0154M09 Datasheet HTML 34Page - List of Unclassifed Manufacturers GDEW0154M09 Datasheet HTML 35Page - List of Unclassifed Manufacturers GDEW0154M09 Datasheet HTML 36Page - List of Unclassifed Manufacturers GDEW0154M09 Datasheet HTML 37Page - List of Unclassifed Manufacturers GDEW0154M09 Datasheet HTML 38Page - List of Unclassifed Manufacturers GDEW0154M09 Datasheet HTML 39Page - List of Unclassifed Manufacturers GDEW0154M09 Datasheet HTML 40Page - List of Unclassifed Manufacturers GDEW0154M09 Datasheet HTML 41Page - List of Unclassifed Manufacturers GDEW0154M09 Datasheet HTML 42Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 58 page
background image
(26) Temperature Sensor Calibration (TSC)
(R40H)
Action
W/R C/D
D7
D6
D5
D4
D3
D2
D1
D0
Sensing
Temperature
0
0
0
1
0
0
0
0
0
0
1
1 D10/TS9 D9/TS8 D8/TS7 D7/TS6 D6/TS5 D5/TS4 D4/TS3 D3/TS2
1
1
D2/TS1 D1/TS0
D0
-
-
-
-
-
This command enables internal the temperaturevalue.
If R41H(TSE) bit7 set to 0, this command reads internal temperature sensor value.
If R41H(TSE) bit7 set to 1, this command reads external (LM75) temperature sensor
value
TS[9:2]/D[10:3] T (°C) TS[9:2]/D[10:3] T (°C) TS[9:2]/D[10:3] T (°C)
11100111
-25
00000000
0
00011001
25
11101000
-24
00000001
1
00011010
26
11101001
-23
00000010
2
00011011
27
11101010
-22
00000011
3
00011100
28
11101011
-21
00000100
4
00011101
29
11101100
-20
00000101
5
00011110
30
11101101
-19
00000110
6
00011111
31
11101110
-18
00000111
7
00100000
32
11101111
-17
00001000
8
00100001
33
11110000
-16
00001001
9
00100010
34
11110001
-15
00001010
10
00100011
35
11110010
-14
00001011
11
00100100
36
11110011
-13
00001100
12
00100101
37
11110100
-12
00001101
13
00100110
38
11110101
-11
00001110
14
00100111
39
11110110
-10
00001111
15
00101000
40
11110111
-9
00010000
16
00101001
41
11111000
-8
00010001
17
00101010
42
11111001
-7
00010010
18
00101011
43
11111010
-6
00010011
19
00101100
44
11111011
-5
00010100
20
00101101
45
11111100
-4
00010101
21
00101110
46
11111101
-3
00010110
22
00101111
47
11111110
-2
00010111
23
00110000
48
11111111
-1
00011000
24
00110001
49
GDEW0154M09
www.e-paper-display.com
38/58
1.54 inch Series



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com