Electronic Components Datasheet Search
  English  ▼

X  

GDEW0154M09 Datasheet(PDF) 52 Page - List of Unclassifed Manufacturers

Part # GDEW0154M09
Description  1.54 inch E-paper Display Series
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

GDEW0154M09 Datasheet(HTML) 52 Page - List of Unclassifed Manufacturers

Back Button GDEW0154M09 Datasheet HTML 48Page - List of Unclassifed Manufacturers GDEW0154M09 Datasheet HTML 49Page - List of Unclassifed Manufacturers GDEW0154M09 Datasheet HTML 50Page - List of Unclassifed Manufacturers GDEW0154M09 Datasheet HTML 51Page - List of Unclassifed Manufacturers GDEW0154M09 Datasheet HTML 52Page - List of Unclassifed Manufacturers GDEW0154M09 Datasheet HTML 53Page - List of Unclassifed Manufacturers GDEW0154M09 Datasheet HTML 54Page - List of Unclassifed Manufacturers GDEW0154M09 Datasheet HTML 55Page - List of Unclassifed Manufacturers GDEW0154M09 Datasheet HTML 56Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 58 page
background image
(54) Set OTP program bank (SET_OTP_BANK) (RE1H)
Action
W/R C/D D7
D6
D5
D4
D3
D2
D1
D0
Set cascade
option
0
0
1
1
1
0
0
0
0
1
0
1
-
-
-
-
-
- LUT_bank0 reg_bank0
This command is used to set program bank for registers and LUTs
OTP bank 0(3K Bytes)
OTP bank 1(3K Bytes)
Address(Hex)
Content
Address(Hex)
Content
0x000~0x00B
Temp. segment
0xC00~0xC0B
Temp. segment
0x00C
Vcom DC voltage
0xC0C
Vcom DC voltage
0x00D~0xBFF
LUTs / Reserved
0xC0D~0x17FF
LUTs / Reserved
Bit
Name
Description
0
reg_bank0
0: Program “Temp. segment” and “Default Setting” in bank 1
1: Program “Temp. segment” and “Default Setting” in bank 0
1
LUT_bank0
0: Program “LUTs” in bank 1
1: Program “LUTs” in bank 0
After this command is transmitted, the programming state machine would be activated.
(55) Power Saving (PWS)
(RE3H)
Action
W/R
C/D
D7
D6
D5
D4
D3
D2
D1
D0
Power Saving for
Vcom &Source
0
0
1
1
1
0
0
0
1
1
0
1
VCOM_W[3:0]
SD_W[3:0]
This command is set for saving power during fresh period. If the output voltage of
VCOM / Source is from negative to positive or from positive to negative, the power
saving mechanism will be activated. The active period width is defined by the following
two parameters. VCOM_W[3:0]: VCOM power saving width
(unit = line period)
GDEW0154M09
www.e-paper-display.com
52/58
1.54 inch Series



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com