Electronic Components Datasheet Search
  English  ▼

X  

GDEW0154M09 Datasheet(PDF) 27 Page - List of Unclassifed Manufacturers

Part # GDEW0154M09
Description  1.54 inch E-paper Display Series
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

GDEW0154M09 Datasheet(HTML) 27 Page - List of Unclassifed Manufacturers

Back Button GDEW0154M09 Datasheet HTML 23Page - List of Unclassifed Manufacturers GDEW0154M09 Datasheet HTML 24Page - List of Unclassifed Manufacturers GDEW0154M09 Datasheet HTML 25Page - List of Unclassifed Manufacturers GDEW0154M09 Datasheet HTML 26Page - List of Unclassifed Manufacturers GDEW0154M09 Datasheet HTML 27Page - List of Unclassifed Manufacturers GDEW0154M09 Datasheet HTML 28Page - List of Unclassifed Manufacturers GDEW0154M09 Datasheet HTML 29Page - List of Unclassifed Manufacturers GDEW0154M09 Datasheet HTML 30Page - List of Unclassifed Manufacturers GDEW0154M09 Datasheet HTML 31Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 58 page
background image
VGHL_LV
VGHL voltage level
VGHL_LV
VGHL voltage level
0000
VGH=10V,VGL= -10V
…
.
…
.
0001
VGH=11V,VGL= -11V
0001
VGH=20V,VGL= -20V
0010
VGH=12V,VGL= -12V
0010
VGH=21V,VGL= -21V
0011
VGH=13V,VGL= -13V
1100
VGH=22V,VGL= -22V
VSH[5:0]:
Internal VSH power selection for B/W pixel.(Default value: 100110b)
VSH[5:0]
VSH_V
VDH
VSH_V
000000
3.6V
…
…
000001
3.8V
110100
14.0V
000010
4V
110101
14.2V
000011
4.2V
110110
14.4V
000100
4.4V
110111
14.6V
000101
4.6V
111000
14.8V
000110
4.8V
111001
15.0V
000111
5.0V
(others)
15.0V
VSL[5:0]: Internal VSL power selection for B/W pixel.
VSL
VSL_V
VSL
VSL_V
000000
-3.6V
…
…
000001
-3.8V
110100
-14.0V
000010
-4.0V
110101
-14.2V
000011
-4.2V
110110
-14.4V
000100
-4.4V
110111
-14.6V
000101
-4.6V
111000
-14.8V
000110
-4.8V
111001
-15.0V
000111
-5.0V
(others)
-15.0V
VSHR[5:0]:
Internal VSHR power selection.
VSHR VSHR _V
VSHR
VSHR _V
000000
2.4V
…
…
000001
2.6V
111001
13.8V
000010
2.8V
111010
14.0V
000011
3.0V
111011
14.2V
000100
3.2V
111100
14.4V
000101
3.4V
111101
14.6V
000110
3.6V
111111
15.0V
000111
3.8V
(others)
OPTEN=1:enable step -0.1 voltage selection(2.4~15V)
Internal VSHR power selection for Red LUT.
GDEW0154M09
www.e-paper-display.com
27/58
1.54 inch Series



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com