Electronic Components Datasheet Search
  English  ▼

X  

GDEW0154M09 Datasheet(PDF) 12 Page - List of Unclassifed Manufacturers

Part # GDEW0154M09
Description  1.54 inch E-paper Display Series
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

GDEW0154M09 Datasheet(HTML) 12 Page - List of Unclassifed Manufacturers

Back Button GDEW0154M09 Datasheet HTML 8Page - List of Unclassifed Manufacturers GDEW0154M09 Datasheet HTML 9Page - List of Unclassifed Manufacturers GDEW0154M09 Datasheet HTML 10Page - List of Unclassifed Manufacturers GDEW0154M09 Datasheet HTML 11Page - List of Unclassifed Manufacturers GDEW0154M09 Datasheet HTML 12Page - List of Unclassifed Manufacturers GDEW0154M09 Datasheet HTML 13Page - List of Unclassifed Manufacturers GDEW0154M09 Datasheet HTML 14Page - List of Unclassifed Manufacturers GDEW0154M09 Datasheet HTML 15Page - List of Unclassifed Manufacturers GDEW0154M09 Datasheet HTML 16Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 58 page
background image
2.2 Reliability test
TEST
CONDITION
METHOD
REMARK
1
High-
Temperature
Operation
T
=50℃,RH=35
% for 240 hrs
When the experimental cycle finished, the
EPD samples will be taken out from the high
temperature environmental chamber and
set aside for a few minutes. As EPDs return
to room temperature, testers will observe
the appearance, and test electrical and
optical performance based on standard #
IEC 60 068-2-2Bp.
When experiment
finished, the EPD
must meet
electrical and
optical
performance
standards.
2
Low-
Temperature
Operation
T = 0℃ for 240
hrs
When the experimental cycle finished, the
EPD samples will be taken out from the low
temperature environmental chamber and
set aside for a few minutes. As EPDs return
room temperature, testers will observe the
appearance, and test electrical and
optical performance based on standard #
IEC 60 068-2-2Ab.
When experiment
finished, the EPD
must meet
electrical and
optical
performance
standards.
3
High-
Temperature
Storage
T=+70℃,
RH=35%
for 240 hrs
Test in white
pattern
When the experimental cycle finished, the
EPD samples will be taken out from the high
temperature environmental chamber and
set aside for a few minutes. As EPDs return
to room temperature, testers will observe
the appearance, and test electrical and
optical performance based on standard #
IEC 60 068-2-2Bp.
When experiment
finished, the EPD
must meet
electrical and
optical
performance
standards.
4
Low-
Temperature
Storage
T = -25℃ for
240 hrs
Test in white
pattern
When the experimental cycle finished, the
EPD samples will be taken out from the low
temperature environmental chamber and
set aside for a few minutes. As EPDs return
to room temperature, testers will observe
the appearance, and test electrical and
optical performance based on standard #
IEC 60 068-2-2Ab
When experiment
finished, the EPD
must meet
electrical and
optical
performance
standards.
5
High
Temperature,
High-
Humidity
Operation
T=+40℃,
RH=80%
For 240 hrs
When the experimental cycle finished, the
EPD samples will be taken out from the
environmental chamber and set aside for a
few minutes. As EPDs return to room
temperature, testers will observe the
appearance, and test electrical and optical
performance based on standard # IEC
60 068-2-3CA.
When experiment
finished, the EPD
must meet
electrical and
optical
performance
standards.
6
High
Temperature,
High-
Humidity
Storage
T=+60℃,
RH=80% for
240 hrs
Test in white
pattern
When the experimental cycle finished, the
EPD samples will be taken out from the
environmental chamber and set aside for a
few minutes. As EPDs return to room
temperature, testers will observe the
appearance, and test electrical and optical
performance based on standard # IEC
60 068-2-3CA.
When experiment
finished, the EPD
must meet
electrical
performance
standards.
GDEW0154M09
www.e-paper-display.com
12/58
1.54 inch Series



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com