Electronic Components Datasheet Search
  English  ▼

X  

GDEW0154M09 Datasheet(PDF) 31 Page - List of Unclassifed Manufacturers

Part # GDEW0154M09
Description  1.54 inch E-paper Display Series
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

GDEW0154M09 Datasheet(HTML) 31 Page - List of Unclassifed Manufacturers

Back Button GDEW0154M09 Datasheet HTML 27Page - List of Unclassifed Manufacturers GDEW0154M09 Datasheet HTML 28Page - List of Unclassifed Manufacturers GDEW0154M09 Datasheet HTML 29Page - List of Unclassifed Manufacturers GDEW0154M09 Datasheet HTML 30Page - List of Unclassifed Manufacturers GDEW0154M09 Datasheet HTML 31Page - List of Unclassifed Manufacturers GDEW0154M09 Datasheet HTML 32Page - List of Unclassifed Manufacturers GDEW0154M09 Datasheet HTML 33Page - List of Unclassifed Manufacturers GDEW0154M09 Datasheet HTML 34Page - List of Unclassifed Manufacturers GDEW0154M09 Datasheet HTML 35Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 58 page
background image
(11) Display Refresh (DRF) (R12H)
Action
W/R C/D D7
D6
D5
D4
D3
D2
D1
D0
Refreshing the display
0
0
0
0
0
1
0
0
1
0
The command defines as :While users send this command, driver will refresh display
(data/VCOM) base on SRAM data and LUT. After display refresh command, BUSY_N
signal will become “0”.
(12) Data start transmission 2 (DTM2) (R13H)
Action
W/R C/D
D7
D6
D5
D4
D3
D2
D1
D0
Starting data
transmission
0
0
0
0
0
1
0
0
1
1
0
1
Pixel1 Pixel2 Pixel3 Pixel4 Pixel5 Pixel6 Pixel7 Pixel8
0
1
..
..
..
..
..
..
..
..
0
1
Pixel
(n-7)
Pixel
(n-6)
Pixel
(n-5)
Pixel
(n-4)
Pixel
(n-3)
Pixel
(n-2)
Pixel
(n-1)
Pixel
(n)
The command define as follows: The register is indicates that user start to transmit data,
then write to SRAM. While data transmission complete, user must send command 11H.
Then chip will start to send data/VCOM for panel.
In B/W mode, this command writes “NEW” data to SRAM.
In B/W/Red mode, this command writes “RED” data to SRAM.
(13) Auto Sequence (AUTO) (R17H)
Action
W/R C/D D7
D6
D5
D4
D3
D2
D1
D0
Auto Sequence
0
0
0
0
0
1
0
1
1
1
0
1
Code[7:0]
The command can enable the internal sequence to execute several commands
continuously. The successive execution can minimize idle time to avoid unnecessary
power consumption and reduce the complexity of host’s control procedure. The
sequence contains several operations, including PON, DRF, POF, DSLP.
AUTO (0x17) + Code(0xA5)
=
(PON → DRF → POF)
AUTO (0x17) + Code(0xA7)
=
(PON → DRF → POF → DSLP)
(14) BIST mode (BIST) (R18H)
Action
W/R C/D D7
D6
D5
D4
D3
D2
D1
D0
BIST
0
0
0
0
0
1
0
1
1
1
0
1
1
0
1
0
0
1
0
1
0
1
1
0
1
0
0
1
0
1
GDEW0154M09
www.e-paper-display.com
31/58
1.54 inch Series



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com