Electronic Components Datasheet Search
  English  ▼

X  

GDEW0154M09 Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # GDEW0154M09
Description  1.54 inch E-paper Display Series
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

GDEW0154M09 Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  GDEW0154M09 Datasheet HTML 1Page - List of Unclassifed Manufacturers GDEW0154M09 Datasheet HTML 2Page - List of Unclassifed Manufacturers GDEW0154M09 Datasheet HTML 3Page - List of Unclassifed Manufacturers GDEW0154M09 Datasheet HTML 4Page - List of Unclassifed Manufacturers GDEW0154M09 Datasheet HTML 5Page - List of Unclassifed Manufacturers GDEW0154M09 Datasheet HTML 6Page - List of Unclassifed Manufacturers GDEW0154M09 Datasheet HTML 7Page - List of Unclassifed Manufacturers GDEW0154M09 Datasheet HTML 8Page - List of Unclassifed Manufacturers GDEW0154M09 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 58 page
background image
1. General Description
1.1 Over View
The display is a TFT active matrix electrophoretic display, with interface and a
reference system design. The 1.54” active area contains 200×200 pixels, and has
1-bit white/black full display capabilities. An integrated circuit contains gate buffer,
source buffer, interface, timing control logic, oscillator, DC-DC, SRAM, LUT, VCOM,
and border are supplied with each panel.
1.2 Features
•
High contrast
•
High reflectance
•
Ultra wide viewing angle
•
Ultra low power consumption
•
Pure reflective mode
•
Bi-stable
•
Commercial temperature range
•
Landscape, portrait mode
•
Antiglare hard-coated front-surface
•
Low current deep sleep mode
•
On chip display RAM
•
Waveform stored in On-chip OTP
•
Serial peripheral interface available
•
On-chip oscillator
•
On-chip booster and regulator control for generating VCOM, Gate and source
driving voltage
•
I2C Signal Master Interface to read external temperature sensor
•
Available in COG package IC thickness 230um
1.3 Mechanical Specifications
Parameter
Specifications
Unit
Remark
Screen Size
1.54
Inch
Display Resolution
200(H)×200(V)
Pixel
Dpi:184
Active Area
27.6(H)×27.6(V)
mm
Pixel Pitch
0.138×0.138
mm
Pixel Configuration
Square
Outline Dimension
31.80(H)×37.32(V) ×
0.98(D)
mm
Weight
2.5±0.5
g
GDEW0154M09
www.e-paper-display.com
5/58
1.54 inch Series



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com