Electronic Components Datasheet Search
  English  ▼

X  

1N4004 Datasheet(PDF) 6 Page - STMicroelectronics

Part # 1N4004
Description  APPLICATION NOTE
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

1N4004 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button 1N4004 Datasheet HTML 2Page - STMicroelectronics 1N4004 Datasheet HTML 3Page - STMicroelectronics 1N4004 Datasheet HTML 4Page - STMicroelectronics 1N4004 Datasheet HTML 5Page - STMicroelectronics 1N4004 Datasheet HTML 6Page - STMicroelectronics 1N4004 Datasheet HTML 7Page - STMicroelectronics 1N4004 Datasheet HTML 8Page - STMicroelectronics 1N4004 Datasheet HTML 9Page - STMicroelectronics 1N4004 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 42 page
background image
AN1262 APPLICATION NOTE
6/42
6
INPUT BULK CAPACITOR SELECTION
The input bulk capacitor Cin, along with the bridge rectifier, converts the AC mains voltage to an unregulated
DC bus, Vin, which is the input voltage for the downstream flyback converter. Cin must be large enough to have
a relatively low ripple superimposed on top of the DC level, as shown in fig. 3. At minimum specified mains volt-
age, the value of Cin determines the absolute minimum, Vinmin, of the DC input voltage of the converter. The
maximum duty cycle and the maximum peak current allowed by the IC must not be exceeded at this voltage.
However, as to thermal consideration, the bus DC voltage (VDCmin @ VACmin) should be considered.
Figure 3. Input voltage waveforms:
a) without holdup capability;
b) with holdup capability.
Large values of Cin result in higher VDCmin and Vinmin, lower peak and RMS current through the power MOSFET
(i.e. less power dissipation in the device) and less duty cycle range to achieve regulation but, on the other hand,
also in bigger capacitor size, higher peak and RMS current drawn from the mains (i.e. more power dissipation
in the bridge rectifier). Small values of Cin give origin to the opposite situation.
Experience shows that a good compromise between these contrasting requirements is a Cin value that causes
the peak-to-peak ripple amplitude to be 25-30% of the peak mains voltage (@ VACmin), which means that Vinmin
will be 70-75% of the peak value. Anyway, if holdup capability is required, a much larger capacitance values will
be needed: the voltage ripple across Cin is expected to be 25-30% of the peak value, after 1 mains cycle miss-
ing, which means that in normal operation the ripple will be much less.
Table 5 summarizes the required capacitance per watt of input power for a given value of Vinmin, with and with-
out holdup requirement, and shows the resulting values of VDCmin. This allows to calculate the minimum capac-
itance needed, by multiplying the value taken from the table times Pin. Then a standard value will be selected,
taking also the tolerance into account.
a)
Vin
VPKmin
Vinmin
VDCmin
TC
1
fL
Vin
VPKmin
Vinmin
after fail
VDCmin
TC
after fail
1 missing cycle
b)
Vinmin
TC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com