Electronic Components Datasheet Search
  English  ▼

X  

1N4004 Datasheet(PDF) 20 Page - STMicroelectronics

Part # 1N4004
Description  APPLICATION NOTE
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

1N4004 Datasheet(HTML) 20 Page - STMicroelectronics

Back Button 1N4004 Datasheet HTML 16Page - STMicroelectronics 1N4004 Datasheet HTML 17Page - STMicroelectronics 1N4004 Datasheet HTML 18Page - STMicroelectronics 1N4004 Datasheet HTML 19Page - STMicroelectronics 1N4004 Datasheet HTML 20Page - STMicroelectronics 1N4004 Datasheet HTML 21Page - STMicroelectronics 1N4004 Datasheet HTML 22Page - STMicroelectronics 1N4004 Datasheet HTML 23Page - STMicroelectronics 1N4004 Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 42 page
background image
AN1262 APPLICATION NOTE
20/42
13
SELF-SUPPLY CIRCUIT DESIGN
To define the self-supply circuit it is necessary to select the bias rectifier and the supply capacitor (see fig. 7)
since the turns number of the auxiliary winding has been defined already.
The bias rectifier has to withstand a reverse voltage equal to:
with an appropriate safety margin of 20-25%. The current rating is of little concern since the diode has to carry
few mA. A popular 1N4148 (75V rating) or an UF4003 (200V rating) may be suitable choices.
The supply capacitor has to be large enough to keep the device running during the time needed for the auxiliary
winding to develop its correct voltage at start-up. A minimum value of 10 µF is recommended and any low cost
electrolytic capacitor will do the job. The resistor Rs in series to D filters the voltage spike appearing on the pos-
itive-going edge of the voltage generated by the self-supply winding that causes the voltage Vcc to increase with
the converter's output load. The optimum value depends on the transformer's stray parameters (mainly the cou-
pling between the auxiliary and the secondary winding) and can be found empirically once the transformer spec
and construction have been frozen. A small and inexpensive axial inductor in the range of 1 to 10
µH may be
used instead of RS, with even better results.
Figure 7. Self-supply circuit
14
BROWNOUT PROTECTION DESIGN (L6590A AND L6590D ONLY)
With reference to the schematic of fig. 8, the following relationships can be established for the ON (VinON) and
OFF (VinOFF) thresholds of the input voltage:
.
Solving for R1 and R2:
For a proper operation of this function, VinON must be less than VPKmin and VinOFF less than Vinmin (see the
timing diagram of figure 8).
V
RE V
V
CC
1
V
PK m ax
V
R
--------------------
+


⋅
=
L6590
L6590D
L6590A
Vcc
D
C
Naux
Rs
V
inO N
R2
R1
R2
+
----------------------
⋅
2.5,
=
V
inOF F
2.5
–
R1
---------------------------------
50 10
6
–
⋅
+
2.5
R2
--------
=
R1
V
inO N
V
inO FF
–
50 10
6
–
⋅
----------------------------------------
=
R2
R1
2.5
V
inON
2.5
–
------------------------------
⋅
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com