Electronic Components Datasheet Search
  English  ▼

X  

1N4004 Datasheet(PDF) 30 Page - STMicroelectronics

Part # 1N4004
Description  APPLICATION NOTE
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

1N4004 Datasheet(HTML) 30 Page - STMicroelectronics

Back Button 1N4004 Datasheet HTML 26Page - STMicroelectronics 1N4004 Datasheet HTML 27Page - STMicroelectronics 1N4004 Datasheet HTML 28Page - STMicroelectronics 1N4004 Datasheet HTML 29Page - STMicroelectronics 1N4004 Datasheet HTML 30Page - STMicroelectronics 1N4004 Datasheet HTML 31Page - STMicroelectronics 1N4004 Datasheet HTML 32Page - STMicroelectronics 1N4004 Datasheet HTML 33Page - STMicroelectronics 1N4004 Datasheet HTML 34Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 42 page
background image
AN1262 APPLICATION NOTE
30/42
must be accounted for as well (the minimum specified value will be considered) and the turn number may result
quite high.
17
PRIMARY FEEDBACK IMPLEMENTATION
In this approach, which will be considered with regards to the L6590 and the L6590D only, the voltage generated
by the self-supply winding is sensed and regulated. This solution, shown in fig. 16, is cheap because no opto-
coupler is needed, but provides poor regulation, especially as a result of load changes.
Ideally, the voltage generated by the self supply winding and the output voltage should be related by the Naux/
Ns turn ratio only. Actually, numerous non-idealities, mainly transformer's parasitics, cause the actual ratio to
deviate from the ideal one. Line regulation is quite good, in the range of ± 2%, whereas load regulation is about
±5%. Output voltage tolerance is instead in the range of ±10%. The resulting transfer function is:
Table 21 shows how its quantities are defined. As to the selection of Vcc, the same considerations concerning
the circuit of fig. 15 apply to the circuit in fig. 16a. Such limitation is not in the circuit of fig. 16b.
Figure 16. Primary feedback: circuits
Table 21. G1(j
ω) Implementation: Primary Feedback
The value of the resistor Rs (R’s for the circuit of fig. 16b) in series to the bias diode will be selected to achieve
minimum load regulation and its value may range from few units to some hundred ohm.
Symbol
Definition
RL
RH
CFp
CFs
RF
G1 j
ω
()
V
COMP
∆
V
out
∆
-----------------------
N
aux
N
S
------------
V
CO MP
∆
V
CC
∆
-----------------------
⋅
=
N
aux
N
S
------------
1
R
H
C
Fs
C
Fp
+
()
⋅
--------------------------------------------
1
j
ω
-----
1j
+
ω R
F
C
Fs
⋅⋅
1j
+
ω R
F
C
Fs
C
Fp
⋅
C
Fs
C
Fp
+
---------------------------
⋅⋅
-----------------------------------------------------------.
⋅⋅
⋅
==
a)
b)
L6590
L6590D
Vcc
Naux
RH
RL
RF
CFs
Rs
VFB
COMP
CFp
22 µF
L6590
L6590D
Vcc
Naux
RH
RL
RF
CFs
R's
VFB
COMP
CFp
Rs
22 µF
220 nF
R
L
15 V
V
CC
-----------
k
Ω
[]
>
R
H
V
CC
2.5
–
2.5
------------------------- R
L
⋅
=
C
Fp
N
aux
N
S
------------
f
Z
f
P
-----
1
G1
0
R
H
⋅
-----------------------
⋅⋅
=
C
Fs
C
Fp
f
P
f
Z
-----
1
–


⋅
=
R
F
1
2
π f
Z
C
Fs
⋅⋅
⋅
-----------------------------------
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com