Electronic Components Datasheet Search
  English  ▼

X  

1N4004 Datasheet(PDF) 11 Page - STMicroelectronics

Part # 1N4004
Description  APPLICATION NOTE
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

1N4004 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button 1N4004 Datasheet HTML 7Page - STMicroelectronics 1N4004 Datasheet HTML 8Page - STMicroelectronics 1N4004 Datasheet HTML 9Page - STMicroelectronics 1N4004 Datasheet HTML 10Page - STMicroelectronics 1N4004 Datasheet HTML 11Page - STMicroelectronics 1N4004 Datasheet HTML 12Page - STMicroelectronics 1N4004 Datasheet HTML 13Page - STMicroelectronics 1N4004 Datasheet HTML 14Page - STMicroelectronics 1N4004 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 42 page
background image
11/42
AN1262 APPLICATION NOTE
Due to the moderate switching frequency, Bmax will be limited by core saturation and not by core losses. This
means that transformer's power losses will be located mostly in the windings.
As shown in table 9, ferrites saturate above 0.3 T thus a value of Bmax equal to 0.28-0.30 T may be selected to
maximize core utilization, or Bmax = 0.25 T can be chosen for a more conservative design.
This maximum peak flux density will occur when the peak primary current is maximum. However, it is not suffi-
cient to consider the peak current Ippkx resulting from table 6. To guarantee that the transformer does not sat-
urate even under short circuit conditions, the maximum peak primary current to be considered is the maximum
value of the OCP threshold (Ilim = 0.7A, from the datasheet).
Now a step-by-step procedure for the design of the transformer will be given.
Table 10. Core list and significant design data
1) Choose core size. Transformer's core must be able to handle the power throughput PinT without saturating
and with acceptable power losses, with the minimum size. Determining its optimum size is a trial-and-error
process and a proper starting point may reduce considerably the number of iterations needed.
A most common way of describing core size is the so-called Area Product (AP), which is the product of the
effective cross-sectional area of the core times the window area available to accommodate the windings. It
is possible to define the minimum AP required by a specific application.
The following equation can be useful to estimate the minimum AP (in cm4) required:
Core
Ve
[cm3]
Ae
[cm2]
Aw
[cm2]
AP
[cm4]
K1
K2
Lt
[cm]
WB
[cm]
Rth
[°C/W]
THOMSON (B2)
EF1505A
0.51
0.15
0.15
0.022
29.7
-0.68
2.63
0.92
75
EF2007A
1.46
0.31
0.26
0.081
61.1
-0.7
3.65
1.32
45
EF2509A
3.3
0.58
0.4
0.232
103
-0.73
4.64
1.64
30
E2006A
1.5
0.32
0.35
0.112
62.2
-0.7
3.9
1.18
46
E2507A
3.2
0.55
0.6
0.33
90
-0.73
5.2
1.54
40
PHILIPS (3C85)
E16/8/5
0.75
0.201
0.216
0.043
42.2
-0.7
3.3
0.94
65
E20/10/6
1.49
0.32
0.35
0.112
62.2
-0.69
3.9
1.18
46
E25/13/7
2.99
0.52
0.56
0.291
90
-0.73
4.9
1.56
40
EPCOS (ex S+M) (N67)
E16/8/5
0.76
0.2
0.22
0.044
42.2
-0.7
3.4
1
65
E20/10/6
1.49
0.32
0.34
0.109
62.2
-0.69
4.12
1.25
46
E25/13/7
3.02
0.52
0.61
0.317
90
-0.73
5
1.56
40
TDK (PC30)
EI16-Z
0.67
0.198
0.267
0.053
66
-0.57
3.31
0.86
44
EI22-Z
1.63
0.42
0.2
0.084
85.4
-0.71
3.86
0.845
33
EI25-Z
1.93
0.41
0.425
0.174
119
-0.57
4.94
0.98
31
MMG - NEOSID (F44)
EF16
0.754
0.225
0.216
0.049
42.2
-0.7
3.3
1
65
EF20
1.5
0.314
0.348
0.109
62.2
-0.69
3.9
1.2
46
EF25
3.02
0.515
0.564
0.29
90
-0.73
4.8
1.6
40



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com