Electronic Components Datasheet Search
  English  ▼

X  

1N4004 Datasheet(PDF) 32 Page - STMicroelectronics

Part # 1N4004
Description  APPLICATION NOTE
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

1N4004 Datasheet(HTML) 32 Page - STMicroelectronics

Back Button 1N4004 Datasheet HTML 28Page - STMicroelectronics 1N4004 Datasheet HTML 29Page - STMicroelectronics 1N4004 Datasheet HTML 30Page - STMicroelectronics 1N4004 Datasheet HTML 31Page - STMicroelectronics 1N4004 Datasheet HTML 32Page - STMicroelectronics 1N4004 Datasheet HTML 33Page - STMicroelectronics 1N4004 Datasheet HTML 34Page - STMicroelectronics 1N4004 Datasheet HTML 35Page - STMicroelectronics 1N4004 Datasheet HTML 36Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 42 page
background image
AN1262 APPLICATION NOTE
32/42
Some fundamental rules will be given to enable the designer to successfully produce a good layout.
All of traces carrying high currents, especially if pulsed (the bold ones in figures 18 and 19), should be as short
and fat as possible. This will keep both resistive and inductive effects to a minimum, in favor of efficiency as well
as radiated RFI. If a two layer PCB is used, some of these traces could be routed parallel on both sides.
Noise coupling and radiation will also be reduced by minimizing the area circumscribed by current loops where
high pulsed currents flow, that is the bolded ones in figures 18 and 19. The most critical loop is that including
the input bulk capacitor, the transformer and the L6590, thus these components should be next to one other. In
figure 20 an example of possible component placement is given.
Figure 19. Suggested ground routing for converters with primary feedback
Current returns (or ground) routing is also very important. All of them (signal ground, power ground, shielding,
etc.) should be routed separately and should be connected only at a single ground point, as suggested in figures
18 and 19.
Generally, traces carrying signal currents should run far from others carrying pulsed currents or with quickly
swinging voltages like the bolded ones of figures 18 and 19. From this viewpoint, particular care should be taken
of the feedback path. In case of two layer PCB, it is a good practice to route signal traces on one PCB side and
power traces on the other side.
Some crucial points of the circuit need or may need filtering, such as the VCC pin or the BOK pin. In case, high-
frequency filter capacitors (with plastic film or ceramic dielectric) should be placed between these pins and the
"signal ground" route, as close to the IC as possible.
Reduction of common mode emissions requires a Y1 class capacitor (or two series connected Y2 class ones)
connected between the primary and secondary ground. This decoupling capacitor should be connected as close
to the transformer as possible.
Another important point is related to creepage distance: this must be observed between primary and secondary
ground (8mm), between the phases of the input voltage (4 mm) and the opposite ends of the primary winding
of the transformer (4mm). Concerning the primary-to-secondary ground separation, no component or traces
Vin
Vout
L6590
L6590D
DRAIN
GND
Vcc
Vac
VFB
Primary Power GND
Primary Signal GND
One-point GND
BOK
Secondary GND
L6590D only
C
Y1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com