Electronic Components Datasheet Search
  English  ▼

X  

1N4004 Datasheet(PDF) 35 Page - STMicroelectronics

Part # 1N4004
Description  APPLICATION NOTE
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

1N4004 Datasheet(HTML) 35 Page - STMicroelectronics

Back Button 1N4004 Datasheet HTML 31Page - STMicroelectronics 1N4004 Datasheet HTML 32Page - STMicroelectronics 1N4004 Datasheet HTML 33Page - STMicroelectronics 1N4004 Datasheet HTML 34Page - STMicroelectronics 1N4004 Datasheet HTML 35Page - STMicroelectronics 1N4004 Datasheet HTML 36Page - STMicroelectronics 1N4004 Datasheet HTML 37Page - STMicroelectronics 1N4004 Datasheet HTML 38Page - STMicroelectronics 1N4004 Datasheet HTML 39Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 42 page
background image
35/42
AN1262 APPLICATION NOTE
Table 23. Test Board design calculations results.
a) Preliminary Calculations results (step 1)
Symbol
Parameter
Value
Pin
Converter Input Power
13.33 W
Iout
DC Output Current
2 A
VPKmin
Minimum Peak Input Voltage
121.5 V
VPKmax
Maximum Peak Input Voltage
373.4 V
b) Preliminary Calculations results (step 2)
Vinmin
Absolute minimum Input DC Voltage
84.9 V
VDCmin
Minimum Input DC bus Voltage
103.2 V
PinT
Transformer Input Power
12.44 W
VDS(on)x
Max. average drop on RDS(on) in ON-
state
7.24 V
Dx
Maximum Duty Cycle
0.607
VDSmax
Maximum drain Voltage in OFF-state
573.4 V
Ippkx
Max. Peak Primary Current
0.528 A
c) Operating Conditions @ Vin = VDCmin
VDS(on)
Average drop on RDS(on) in ON-state
7.24 V
D
Duty Cycle (switch ON-time to switch-
ing period ratio)
0.496
Ippk
Peak Primary Current
0.528 A
IpDC
DC Primary Current
0.131 A
IpRMS
Total RMS Primary Current
0.215 A
IpAC
RMS Primary Current (AC component
only)
0.170 A
D’
Secondary diode conduction time to
switching period ratio
0.397
Ispk
Peak Secondary Current
10.08 A
IsDC
DC Secondary Current
2 A
IsRMS
Total RMS Secondary Current
3.67 A
IsAC
RMS Secondary Current (AC compo-
nent only)
3.08 A
d) Device power dissipation @ Vin = VDCmin
Pcond
Conduction losses
1.29 W
Psw
Switching losses
0.13 W
Pcap
Capacitive losses
0.16 W
Pq
Quiescent losses
0.08 W
Ptot
Total losses
1.66 W
Rthj-amb
Maximum junction-ambient thermal
resistance
51.2 °C/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com