Electronic Components Datasheet Search
  English  ▼

X  

1N4004 Datasheet(PDF) 28 Page - STMicroelectronics

Part # 1N4004
Description  APPLICATION NOTE
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

1N4004 Datasheet(HTML) 28 Page - STMicroelectronics

Back Button 1N4004 Datasheet HTML 24Page - STMicroelectronics 1N4004 Datasheet HTML 25Page - STMicroelectronics 1N4004 Datasheet HTML 26Page - STMicroelectronics 1N4004 Datasheet HTML 27Page - STMicroelectronics 1N4004 Datasheet HTML 28Page - STMicroelectronics 1N4004 Datasheet HTML 29Page - STMicroelectronics 1N4004 Datasheet HTML 30Page - STMicroelectronics 1N4004 Datasheet HTML 31Page - STMicroelectronics 1N4004 Datasheet HTML 32Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 42 page
background image
AN1262 APPLICATION NOTE
28/42
Table 19. G1(j
ω) Implementation: secondary feedback (III)
Figure 15 shows a special configuration, with the optocoupler connected in series to the supply pin of the IC that
provides the following benefits:
a) a large range of the voltage generated by the auxiliary winding can be allowed since the changes are
"damped" by the phototransistor and Vcc is stabilized by the error amplifier; this is useful with a poor quality
transformer or when the output voltage (tracked by the auxiliary voltage) may decrease because of constant
current regulation (e.g. battery chargers, see fig.40 on L6590’s datasheet).
b) during overload and short circuit the power throughput is automatically reduced because the operation of the
device becomes intermittent. In fact, the phototransistor carries the quiescent current IQ of the IC and, if the
output voltage is too low, there will not be enough current through the photodiode at the secondary side to
maintain IQ. The device will be switched off as it goes into UVLO.
c) despite the IC's OVP protection is bypassed by such configuration, the system is still protected against op-
tocoupler's failures: if that happens, the phototransistor will no longer be able to supply the IC, which will go
into UVLO just like in case of overload or short circuit.
The transfer function of the schematic of Fig. 15 is:
The VCC capacitor has a significant effect on the frequency characteristic of this circuit: in particular, it introduces
a low-frequency pole that causes a phase lag noxious for the phase margin. This pole needs to be compensated
by a zero, which requires an additional resistor (RC) in series to the capacitor.
The zero (RH1+ RF1) · CF1 will be placed close to the pole due to the VCC capacitor, (RH2+RC)·CS so as to com-
pensate it. The pole at the origin and the other zero-pole pair realize a type 2 amplifier (see Table 20 to see how
Symbol
Definition
RF2; RC
;
RE
RE > 1kΩ
RL
RL ≈ 0.27 to 2.7 [kΩ]
RH
RB
CF1
RF1
CF2
R
F2
2k
Ω
>
R
C
2.5 R
F2
⋅
<
R
H
V
out
2.5
–
2.5
------------------------- R
L
⋅
=
R
B
CTR
min
V
out
3.5
–
2.5
-------------------------
R
E
⋅⋅
<
C
F1
CTR
max
R
E
R
F2
⋅⋅
R
E
R
C
+
() · R
B
R
H
G1
0
⋅⋅
--------------------------------------------------------------------
=
R
F1
1
2
π f
Z
C
F1
⋅⋅
⋅
-----------------------------------
R
H
–
=
C
F2
1
2
π f
P
R
F2
⋅⋅
⋅
-----------------------------------
=
G1 j
ω
()
V
COMP
∆
V
out
∆
-----------------------
V
CO MP
∆
V
CC
∆
-----------------------
V
CC
∆
I
C
∆
---------------
I
C
∆
I
F
∆
--------
I
F
∆
V
K
∆
-----------
V
K
∆
V
out
∆
---------------
=
⋅⋅
⋅
⋅
=
=
= CTR
ma x
R
F2
R
B
----------
1
j
ω R
H1
C
F1
⋅⋅
------------------------------------
1j
ω R
c
C
s
⋅⋅
+
() 1j
+
ω R
H1
R
F1
+
() C
F1
⋅⋅
[]
⋅
1j
+
ω R
H2
R
c
+
() C
s
⋅⋅
[] 1j
+
ω R
F2
C
F2
⋅⋅
()
⋅
------------------------------------------------------------------------------------------------------------------------
.
⋅⋅
⋅



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com