Electronic Components Datasheet Search
  English  ▼

X  

1N4004 Datasheet(PDF) 37 Page - STMicroelectronics

Part # 1N4004
Description  APPLICATION NOTE
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

1N4004 Datasheet(HTML) 37 Page - STMicroelectronics

Back Button 1N4004 Datasheet HTML 33Page - STMicroelectronics 1N4004 Datasheet HTML 34Page - STMicroelectronics 1N4004 Datasheet HTML 35Page - STMicroelectronics 1N4004 Datasheet HTML 36Page - STMicroelectronics 1N4004 Datasheet HTML 37Page - STMicroelectronics 1N4004 Datasheet HTML 38Page - STMicroelectronics 1N4004 Datasheet HTML 39Page - STMicroelectronics 1N4004 Datasheet HTML 40Page - STMicroelectronics 1N4004 Datasheet HTML 41Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 42 page
background image
37/42
AN1262 APPLICATION NOTE
Output Capacitor
Capacitor's ripple current rating should exceed 3 A. The minimum capacitance value should be 373 µF (eqn.
18) and the maximum ESR should be less than 5 m
Ω. For long-time reliability the capacitor(s) should also be
able to withstand at least 3.08 A current ripple. Three Rubycon's ZL series 470 µF/16V paralleled capacitors
were selected, for a total ripple capability of nearly 3 A and a total ESR of about 20 m
Ω. To meet the requirement
on the output voltage ripple an LC post filter is needed that attenuates ripple at least four times. Choosing a
standard value of L = 4.7 µH, the maximum ESR of the additional capacitor should not exceed 300m
Ω.
An additional 220 µF/10V ZL capacitor has been added.
Self-supply circuit
The self supply circuit will include an 1N4148 diode and a 22 µF supply capacitor. A 10
Ω resistor will be added
in series to the diode to reduce Vcc voltage variations with the load current. This value is likely to be adjusted
after bench verification.
Control loop design
The crossover frequency will be selected as high as 10 kHz, worst case. The objective will be to get 70° phase
margin.
The plant transfer function is:
with G2o = 11.5, fESR = 5464 Hz, fout = 90.3 Hz (@ max. load and max. Vin). A type 2 amplifier will be used for
G1(j
ω).
Going step-by-step:
a) The gain and phase of G2 at f=10 kHz are 0.281 and -29° respectively;
b) In order for the overall open-loop gain to cross the 0 dB axis at f=10 kHz with 70° phase margin, the gain and
phase of G1(j
ω) will be 3.56 and -81° respectively;
c) the compensating zero will be placed at 360 Hz (
α = 4, to maximize 100Hz gain);
d) the compensating pole will be placed at 2270 Hz;
e) the unity gain factor is 35.4·10
4 s/rad.
Since a tight tolerance on the output voltage is required, an optoisolated feedback will be used and G1(j
ω) will
be realized with the schematic of figure 13. The TL431 and an optocoupler PC817A from Sharp will be used.
The CTR is specified between 0.8 and 1.6.
Using a 6.8k
Ω resistor as RC, the resulting part values are:
RL = RH = 2.43 kΩ; RB = 560 Ω; RF = 2kΩ; CF = 100 nF; CCOMP = 22 nF.
Electrical Schematic, BOM and evaluation results
In fig. 22 the electrical schematic of the test board is illustrated and table 24 lists the relevant BOM. The dia-
grams of figure 23 show the evaluation results of the board, figure 24 shows some typical waveforms and figure
25 the effect of the frequency change on the output voltage transient.
G2 j
ω
()
G2
0
1
j
ω
ω
ES R
--------------
+
1
j
ω
ω
out
-----------
+
------------------------
⋅
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com