Electronic Components Datasheet Search
  English  ▼

X  

1N4004 Datasheet(PDF) 29 Page - STMicroelectronics

Part # 1N4004
Description  APPLICATION NOTE
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

1N4004 Datasheet(HTML) 29 Page - STMicroelectronics

Back Button 1N4004 Datasheet HTML 25Page - STMicroelectronics 1N4004 Datasheet HTML 26Page - STMicroelectronics 1N4004 Datasheet HTML 27Page - STMicroelectronics 1N4004 Datasheet HTML 28Page - STMicroelectronics 1N4004 Datasheet HTML 29Page - STMicroelectronics 1N4004 Datasheet HTML 30Page - STMicroelectronics 1N4004 Datasheet HTML 31Page - STMicroelectronics 1N4004 Datasheet HTML 32Page - STMicroelectronics 1N4004 Datasheet HTML 33Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 42 page
background image
29/42
AN1262 APPLICATION NOTE
Figure 15. Secondary feedback: TL431 + optocoupler circuit (IV)
Table 20. G1(j
ω) Implementation: secondary feedback (IV)
this network can be designed). The bias resistor of the photodiode will be selected so as to sustain the quiescent
current of the L6590 and the current through the divider RH2+RL2. Please note that the steady state supply volt-
age Vcc (used in table 20 to choose RL2 and RH2) has to be sufficiently higher than the UVLO threshold (say 3-
4 V, depending on CS). In fact, the PWM starts only when the Vcc voltage has decayed from the start-up thresh-
old to the neighborhood of the steady state value. During this time the PWM is inhibited by the error amplifier,
saturated low because the voltage at the pin VFB is higher than 2.5V.
The turn number of the auxiliary winding will be such that the VCE across the phototransistor never falls below
1-2 V, to let it work in its active region. In case of constant current regulation, the variation of the output voltage
Symbol
Definition
RL2; RH2
;
RF2
RF2 > 0.4 · RH2
RL1
RL1 ≈ 0.27 to 2.7 [kΩ];
RB
RC
CF1
RF1
CF2
L6590
L6590D
Vcc
Naux
RH2
RL2
RF2
VFB
COMP
CF2
Rc
IC
470 nF
Cs
TL431
Vout
RB
RH1
RL1
CF1
VK
IF
RF1
R
L2
15V
V
CC
-----------
k
Ω
[]
>
R
H2
V
CC
2.5
–
2.5
-------------------------
R
L2
⋅
=
R
H1
V
out
2.5
–
2.5
------------------------- R
L1
⋅
=
R
B
CTR
min
V
out
3.5
–
I
Q
2.5
R
L2
----------
+
-------------------------
⋅
<
R
C
1
2
π f
Z
C
S
⋅⋅
⋅
--------------------------------
=
C
F1
CTR
max
R
⋅
F2
R
B
R
H1
G
10
⋅⋅
--------------------------------------
=
R
F1
R
H2
R
C
+
() C
S
⋅
C
F1
------------------------------------------
R
H1
–
=
C
F2
1
2
π R
F2
f
P
⋅⋅
⋅
-----------------------------------
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com