| Electronic Components Datasheet Search |
|
1N4004 Datasheet(PDF) 2 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
1N4004 Datasheet(HTML) 2 Page - STMicroelectronics |
|
2 / 42 page ![]() AN1262 APPLICATION NOTE 2/42 When the switch turns off, the primary circuit is open and the energy stored in the primary is transferred to the secondary by magnetic coupling. The catch diode is forward-biased, and the stored energy is delivered to the output capacitor and the load. The output voltage Vout is reflected back to the primary through the turns ratio n (VR, reflected voltage) and adds up to the input voltage Vin, giving origin to a much higher voltage on the drain of the MOSFET. Flyback is operated in DCM (Discontinuous Conduction Mode) when the input -or primary - current starts from zero at the beginning of each switching cycle. This happens because the secondary of the transformer has dis- charged all the energy stored in the previous period. If this energy transfer is not complete, the primary current will start from a value greater than zero at the beginning of each cycle. Then flyback is said to be operated in CCM (Continuous Conduction Mode). DCM is characterized by currents shaped in a triangular fashion, whereas CCM features trapezoidal currents. The boundary between these two types of operation depends on several parameters. For a given converter, that is, as the switching frequency, inductance of the primary winding, transformer turns ratio and regulated out- put voltage are defined, it depends on the input voltage and the output load. At design time, whether the converter will be operated in CCM or in DCM and where the boundary will be located is up to the designer. Usually CCM is selected with the objective of maximizing converter's power capability or minimiz- ing primary RMS current. However, in CCM operation the system's dynamic behavior is considerably worse. Usually, the converters based on the L6590 family devices are able to deliver the desired output power even with DCM operation, thus CCM will not be considered. Table 1. Converter specification data and pre-design choices Converter Electrical Specification VACmin Minimum mains voltage VACmax Maximum mains voltage fL Mains frequency (@ min. mains) NH Number of holdup cycles Vout Regulated output voltage ∆Vout% Percent output voltage tolerance (±) Vr% Percent output voltage ripple Poutmax Maximum output power η Expected converter efficiency Tamb Maximum ambient temperature Pre-design Choices VR Reflected voltage ηT Transformer efficiency Vspike Leakage inductance overvoltage Vcc IC supply voltage VF Secondary diode forward drop VBF Bridge Rectifier + EMI filter voltage drop |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |