Electronic Components Datasheet Search
  English  ▼

X  

1N4004 Datasheet(PDF) 18 Page - STMicroelectronics

Part # 1N4004
Description  APPLICATION NOTE
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

1N4004 Datasheet(HTML) 18 Page - STMicroelectronics

Back Button 1N4004 Datasheet HTML 14Page - STMicroelectronics 1N4004 Datasheet HTML 15Page - STMicroelectronics 1N4004 Datasheet HTML 16Page - STMicroelectronics 1N4004 Datasheet HTML 17Page - STMicroelectronics 1N4004 Datasheet HTML 18Page - STMicroelectronics 1N4004 Datasheet HTML 19Page - STMicroelectronics 1N4004 Datasheet HTML 20Page - STMicroelectronics 1N4004 Datasheet HTML 21Page - STMicroelectronics 1N4004 Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 42 page
background image
AN1262 APPLICATION NOTE
18/42
11
SECONDARY RECTIFIER SELECTION
Although the converter is operated in DCM, it is recommended to use an ultrafast p-n diode or, whenever al-
lowed by the reverse voltage, a Schottky type. The latter, besides optimizing the reverse recovery, minimizes
conduction losses as well.
The voltage rating will be higher than the maximum reverse voltage it experiences:
,
(17)
with a suitable safety margin (usually 20-25%). As to its current rating, it is a common design practice to choose
a diode rated for 2-3 times the DC output current Iout. Table 14 lists some recommended devices available from
ST assuming VR = 130 V. In each cell of the table there are two recommended devices, the first one is an axial
or through-hole diode and the second one is in SMD package. The sale types in italic are p-n diodes, the others
are Schottky type.
Table 14. Recommended ST parts for secondary rectification.
12
OUTPUT CAPACITOR SELECTION AND POST FILTER
Large, low-ESR electrolytic capacitors usually do the filtering work. The parameters to be considered for their
selection are the working voltage, RMS ripple rating and ESR, the actual capacitance value is of secondary im-
portance.
Obviously, the DC working voltage must be greater than Vout. A margin of 25% is recommended for the sake of
reliability.
The AC current the output capacitor undergoes causes power dissipation on its ESR and a resulting tempera-
ture rise. This is the major responsible for capacitor degrading. Thus it is important not to operate the capacitor
beyond its AC current ripple rating, otherwise its lifetime will be considerably shortened. This parameter is usu-
ally specified at 85°C or 105°C ambient temperature, depending on capacitor's quality. The value could be de-
rated considering the actual maximum ambient temperature (Tamb) and the capacitor's target lifetime. For a
conservative design no derating will be applied. The AC current capability must then be larger than IsAC and
110 VAC
220 VAC or WRM
Vout
(V)
Pout≤5W
Pout=7.5W
Pout=10W
Pout≤5W
Pout=7.5W
Pout=10W
3.3
1N5820
STPS5L25B
STPS5L25B-1
STPS5L25B
STPS10L25D
STPS10L25G
1N58210
STPS3L25S
STPS5L25B-1
STPS5L25B
STPS10L25D
STPS10L25G
5
1N5820
STPS5L25B
1N5820
STPS5L25B
STPS10L25D
STPS10L25G
1N5821
STPS340C
1N5822
STPS340B
STPS640CT
STPS640CB
9
1N5821
STPS2L30A
1N5821
STPS340B
1N5822
STPS340B
–
STPS160U
–
STPS3L60S
STPS5H100-1
STPS3L60S
12
1N5819
STPS1L40A
1N5822
STPS3L60S
–
STPS3L60S
–
STPS1H100U
–
STPS2H100U
STPS5H100B-1
STPS2H100U
15
BYV10-60
STPS160A
BYV10-60
STPS160A
–
STPS3L60S
–
STPS1H100U
–
STPS2H100U
STPS5H100B-1
STPS2H100U
18
BYV10-60
STPS160A
BYV10-60
STPS1H100U
BYW98-100
STPS2H100U
–
STPS1H100U
–
STPS2H100U
STPS5H100B-1
STPS2H100U
24
BAT49
STPS1H100A
–
STPS1H100U
–
STPS1H100U
BYW100-200
STPR120A
BYW100-200
STPR120A
BYW100-200
SMBYW02-200
V
RE V
V
out
1
V
PKm a x
V
R
--------------------
+


⋅
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com