Electronic Components Datasheet Search
  English  ▼

X  

CS42L52 Datasheet(PDF) 48 Page - Cirrus Logic

Part # CS42L52
Description  Low Power, Stereo CODEC w/Headphone & Speaker Amps
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS42L52 Datasheet(HTML) 48 Page - Cirrus Logic

Back Button CS42L52 Datasheet HTML 44Page - Cirrus Logic CS42L52 Datasheet HTML 45Page - Cirrus Logic CS42L52 Datasheet HTML 46Page - Cirrus Logic CS42L52 Datasheet HTML 47Page - Cirrus Logic CS42L52 Datasheet HTML 48Page - Cirrus Logic CS42L52 Datasheet HTML 49Page - Cirrus Logic CS42L52 Datasheet HTML 50Page - Cirrus Logic CS42L52 Datasheet HTML 51Page - Cirrus Logic CS42L52 Datasheet HTML 52Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 82 page
background image
48
DS680A1
CS42L52
6.7.3
Tri-State Serial Port Interface
Determines the state of the serial port drivers.
Notes:
1. Slave/Master Mode is determined by the M/S bit in “Master/Slave Mode” on page 46.
2. When the serial port is tri-stated in master mode, the ADC and DAC serial ports are clocked internally.
6.7.4
Speaker/Headphone Switch Invert
Determines the control signal polarity of the SPK/HP_SW pin.
6.7.5
MIC Bias Level
Sets the output voltage level on the MICBIAS output pin.
6.8
Input x Select: ADCA and PGAA (Address 08h), ADCB and PGAB (Address 09h)
6.8.1
ADC Input Select
Selects the specified analog input signal into ADCx.
3ST_SP
Serial Port Status
Slave Mode
Master Mode
0
Serial Port clocks are inputs and SDOUT is output
Serial Port clocks and SDOUT are outputs
1
Serial Port clocks are inputs and SDOUT is HI-Z
Serial Port clocks and SDOUT are HI-Z
INV_SWCH
SPK/HP_SW pin 6 Control
0
Not inverted
1
Inverted
BIASLVL[2:0]
Output Bias Level
000
0.5 x VA
001
0.6 x VA
010
0.7 x VA
011
0.8 x VA
100
0.83 x VA
101
0.91 x VA
110
Reserved
111
Reserved
7
6
5
4
3
210
ADCASEL2
ADCASEL1
ADCASEL0
PGAASEL5
PGAASEL4
PGAASEL3
PGAASEL2
PGAASEL1
ADCxSEL[2:0]
Selected Input to ADCx
000
AIN1x
001
AIN2x
010
AIN3x
011
AIN4x
100
PGAx - Use PGAxSEL bits (“PGA Input Mapping” on page 49) to select input channels
101
Reserved
110
Reserved
111
Reserved
Application:
“Analog Inputs” on page 26



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com