Electronic Components Datasheet Search
  English  ▼

X  

CS42L52 Datasheet(PDF) 50 Page - Cirrus Logic

Part # CS42L52
Description  Low Power, Stereo CODEC w/Headphone & Speaker Amps
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS42L52 Datasheet(HTML) 50 Page - Cirrus Logic

Back Button CS42L52 Datasheet HTML 46Page - Cirrus Logic CS42L52 Datasheet HTML 47Page - Cirrus Logic CS42L52 Datasheet HTML 48Page - Cirrus Logic CS42L52 Datasheet HTML 49Page - Cirrus Logic CS42L52 Datasheet HTML 50Page - Cirrus Logic CS42L52 Datasheet HTML 51Page - Cirrus Logic CS42L52 Datasheet HTML 52Page - Cirrus Logic CS42L52 Datasheet HTML 53Page - Cirrus Logic CS42L52 Datasheet HTML 54Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 82 page
background image
50
DS680A1
CS42L52
6.10 ADC HPF Corner Frequency (Address 0Bh)
6.10.1 HPF x Corner Frequency
Sets the corner frequency (-3 dB point) for the internal High-Pass Filter (HPF).
6.11 Misc. ADC Control (Address 0Ch)
6.11.1 ADC Channel B=A
Configures independent or ganged control of the MIC, PGA, Passthru, ADC and the ALC.
6.11.2 Digital MUX
Selects the signal source for the ADC serial port
6.11.3 Digital Sum
Configures a mix/swap of ADCA and ADCB.
6.11.4 Invert ADC Signal Polarity
Configures the polarity of the ADC signal.
76
543
21
0
Reserved
Reserved
Reserved
Reserved
HPFB_CF1
HPFB_CF0
HPFA_CF1
HPFA_CF0
HPFx_CF[1:0]
HPF Corner Frequency Setting (Fs=48 kHz)
00
Normal setting as specified in “ADC Digital Filter Characteristics” on page 14
01
119 Hz
10
236 Hz
11
464 Hz
76
543
21
0
ADCB=A
DIGMUX
DIGSUM1
DIGSUM0
INV_ADCB
INV_ADCA
ADCBMUTE
ADCAMUTE
ADCB=A
Single Volume Control
0
Disabled
1
Enabled
DIGMUX
SDOUT Signal Source
0
ADC
1DSP
DIGSUM[1:0]
Serial Output Signal
Left Channel
Right Channel
00
ADCA
ADCB
01
(ADCA + ADCB)/2
(ADCA + ADCB)/2
10
(ADCA - ADCB)/2
(ADCA - ADCB)/2
11
ADCB
ADCA
INV_ADCx
ADC Signal Polarity
0
Not Inverted
1
Inverted



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com