Electronic Components Datasheet Search
  English  ▼

X  

CS42L52 Datasheet(PDF) 41 Page - Cirrus Logic

Part # CS42L52
Description  Low Power, Stereo CODEC w/Headphone & Speaker Amps
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS42L52 Datasheet(HTML) 41 Page - Cirrus Logic

Back Button CS42L52 Datasheet HTML 37Page - Cirrus Logic CS42L52 Datasheet HTML 38Page - Cirrus Logic CS42L52 Datasheet HTML 39Page - Cirrus Logic CS42L52 Datasheet HTML 40Page - Cirrus Logic CS42L52 Datasheet HTML 41Page - Cirrus Logic CS42L52 Datasheet HTML 42Page - Cirrus Logic CS42L52 Datasheet HTML 43Page - Cirrus Logic CS42L52 Datasheet HTML 44Page - Cirrus Logic CS42L52 Datasheet HTML 45Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 82 page
background image
DS680A1
41
CS42L52
1Bh PCMMIXB Vol
PMIXBMUTE PMIXBVOL6 PMIXBVOL5 PMIXBVOL4 PMIXBVOL3 PMIXBVOL2 PMIXBVOL1 PMIXBVOL0
p58
0
0
0
0
000
0
1Ch BEEP Freq,
On Time
FREQ3
FREQ2
FREQ1
FREQ0
ONTIME3
ONTIME2
ONTIME1
ONTIME0
p59
0
0
0
0
000
0
1Dh BEEP Vol,
Off Time
OFFTIME2
OFFTIME1
OFFTIME0
BPVOL4
BPVOL3
BPVOL2
BPVOL1
BPVOL0
p60
0
0
0
0
000
0
1Eh BEEP,
Tone Cfg.
BEEP1
BEEP0
BEEPMIXDIS TREB_CF1
TREB_CF0
BASS_CF1
BASS_CF0
TC_EN
p61
0
0
0
0
000
0
1Fh Tone Ctl
TREB3
TREB2
TREB1
TREB0
BASS3
BASS2
BASS1
BASS0
p62
1
0
0
0
100
0
20h Master A Vol
MSTAVOL7
MSTAVOL6
MSTAVOL5
MSTAVOL4
MSTAVOL3
MSTAVOL2
MSTAVOL1
MSTAVOL0
p63
0
0
0
0
000
0
21h Master B Vol
MSTBVOL7
MSTBVOL6
MSTBVOL5
MSTBVOL4
MSTBVOL3 MSTBVOL2 MSTBVOL1
MSTBVOL0
p63
0
0
0
0
000
0
22h Headphone A
Volume
HPAVOL7
HPAVOL6
HPAVOL5
HPAVOL4
HPAVOL3
HPAVOL2
HPAVOL1
HPAVOL0
p63
0
0
0
0
000
0
23h Headphone B
Volume
HPBVOL7
HPBVOL6
HPBVOL5
HPBVOL4
HPBVOL3
HPBVOL2
HPBVOL1
HPBVOL0
p63
0
0
0
0
000
0
24h Speaker A
Volume
SPKAVOL7
SPKAVOL6
SPKAVOL5
SPKAVOL4
SPKAVOL3
SPKAVOL2
SPKAVOL1
SPKAVOL0
p64
0
0
0
0
000
0
25h Speaker B
Volume
SPKBVOL7
SPKBVOL6
SPKBVOL5
SPKBVOL4
SPKBVOL3
SPKBVOL2
SPKBVOL1
SPKBVOL0
p64
0
0
0
0
000
0
26h Channel Mixer
& Swap
PCMASWP1 PCMASWP0 PCMBSWP1 PCMBSWP0 ADCASWP1 ADCASWP0 ADCBSWP1 ADCBSWP0
p64
0
0
0
0
000
0
27h Limit Ctl 1,
Thresholds
LMAX2
LMAX1
LMAX0
CUSH2
CUSH1
CUSH0
LIMSRDIS
LIMZCDIS
p65
0
0
0
0
000
0
28h Limit Ctl 2,
Release Rate
LIMIT
LIMIT_ALL
LIMRRATE5
LIMRRATE4 LIMRRATE3 LIMRRATE2 LIMRRATE1 LIMRRATE0
p66
0
1
1
1
111
1
29h Limiter Attack
Rate
Reserved
Reserved
LIMARATE5
LIMARATE4
LIMARATE3 LIMARATE2 LIMARATE1
LIMARATE0
p67
1
1
0
0
000
0
2Ah ALC Ctl 1,
Attack Rate
ALCB
ALCA
ALCARATE5 AALCRATE4 ALCARATE3 ALCARATE2 ALCARATE1 ALCARATE0
p67
0
0
0
0
000
0
2Bh ALC Release
Rate
Reserved
Reserved
ALCRRATE5 ALCRRATE4 ALCRRATE3 ALCRRATE2 ALCRRATE1 ALCRRATE0
p68
0
0
1
1
111
1
2Ch ALC Thresh-
olds
ALCMAX2
ALCMAX1
ALCMAX0
ALCMIN2
ALCMIN1
ALCMIN0
Reserved
Reserved
p68
0
0
0
0
000
0
2Dh Noise Gate Ctl
NGALL
NG
NGBOOST
THRESH2
THRESH1
THRESH0
NGDELAY1
NGDELAY0
p69
0
0
0
0
000
0
2Eh Overflow &
Clock Status
Reserved
SPCLKERR
DSPBOVFL
DSPAOVFL
PCMAOVFL PCMBOVFL ADCAOVFL
ADCBOVFL
p70
0
0
0
0
000
0
2Fh Battery Com-
pensation
BATTCMP
VPMONITOR
Reserved
Reserved
VPREF3
VPREF2
VPREF1
VPREF0
p71
0
0
0
0
000
0
30h VP Battery
Level
VPLVL7
VPLVL6
VPLVL5
VPLVL4
VPLVL3
VPLVL2
VPLVL1
VPLVL0
p72
0
0
0
0
000
0
31h Speaker Status
Reserved
Reserved
SPKASHRT
SPKBSHRT
SPKR/HP
Reserved
TWRN
TERR
p72
0
0
0
0
000
0
32h Temperature
Monitor Control
RELEASE
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
p73
0
0
1
1
101
1
33h Thermal Fold-
back
Reserved
Reserved
Reserved
Reserved
THRFLD
SPKATTN2
SPKATTN1
SPKATTN0
p73
0
0
0
0
000
0
34h Charge Pump
Frequency
CHGFREQ3 CHGFREQ2 CHGFREQ1
CHGFREQ0
Reserved
Reserved
Reserved
Reserved
p74
0
1
0
1
111
1
I²C Address: 1001010[R/W] - 10010100 = 0x94(Write); 10010101 = 0x95(Read)
Adr. Function
7
6
5
4
3
2
1
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com