Electronic Components Datasheet Search
  English  ▼

X  

CS42L52 Datasheet(PDF) 18 Page - Cirrus Logic

Part # CS42L52
Description  Low Power, Stereo CODEC w/Headphone & Speaker Amps
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS42L52 Datasheet(HTML) 18 Page - Cirrus Logic

Back Button CS42L52 Datasheet HTML 14Page - Cirrus Logic CS42L52 Datasheet HTML 15Page - Cirrus Logic CS42L52 Datasheet HTML 16Page - Cirrus Logic CS42L52 Datasheet HTML 17Page - Cirrus Logic CS42L52 Datasheet HTML 18Page - Cirrus Logic CS42L52 Datasheet HTML 19Page - Cirrus Logic CS42L52 Datasheet HTML 20Page - Cirrus Logic CS42L52 Datasheet HTML 21Page - Cirrus Logic CS42L52 Datasheet HTML 22Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 82 page
background image
18
DS680A1
CS42L52
9. The PWM driver should be used in captive speaker systems only.
10. Optimal PWM performance is achieved when MCLK > 12 MHz.
LINE OUTPUT VOLTAGE LEVEL CHARACTERISTICS
Test conditions (unless otherwise specified): Input test signal is a full-scale 997 Hz sine wave; measurement bandwidth is 10 Hz
to 20 kHz; Sample Frequency = 48 kHz; test load RL = 10 kΩ, CL = 10 pF (see Figure 2).
VP =2.5 V
Power Output per Channel
PO
Stereo Full-Bridge
THD+N < 10%
THD+N < 1%
-
-
0.23
0.19
-
-
Wrms
Wrms
Mono Parallel Full-Bridge
THD+N < 10%
THD+N < 1%
-
-
0.44
0.35
-
-
Wrms
Wrms
Total Harmonic Distortion + Noise
THD+N
Stereo Full-Bridge
PO = 0 dBFS = 0.18 W
-
0.50
-
%
Mono Parallel Full-Bridge
PO = -3 dBFS = 0.17 W
PO = 0 dBFS = 0.35 W
-
-
0.08
0.43
-
-
%
%
Dynamic Range
DR
Stereo Full-Bridge
PO = -60 dBFS, A-Weighted
PO = -60 dBFS, Unweighted
-
-
91
88
-
-
dB
dB
Mono Parallel Full-Bridge
PO = -60 dBFS, A-Weighted
PO = -60 dBFS, Unweighted
-
-
94
91
-
-
dB
dB
MOSFET On Resistance
RDS(ON)
VP = 5.0V, Id = 0.5 A
-
600
-
m
Ω
MOSFET On Resistance
RDS(ON)
VP = 3.7V, Id = 0.5 A
-
640
-
m
Ω
MOSFET On Resistance
RDS(ON)
VP = 2.5V, Id = 0.5 A
-
760
-
m
Ω
Efficiency
η
VP = 5.0 V, PO = 2 x 0.8 W, RL =
8
Ω
-82
-
%
Output Operating Peak Current
IPC
--
1.5
A
Parameters
VA = 2.5V
Min
Typ
Max
VA = 1.8V
Min
Typ
Max
Unit
AOUTx Voltage Into RL = 10 kΩ
HP_GAIN[2:0]
Analog
Gain (G)
VHP
000
0.3959
1.8 V
-
1.34
-
-
0.97
-
Vpp
2.5 V
-
1.34
-
-
0.97
-
Vpp
001
0.4571
1.8 V
-
1.55
-
-
1.12
-
Vpp
2.5 V
-
1.55
-
-
1.12
-
Vpp
010
0.5111
1.8 V
-
1.73
-
-
1.25
-
Vpp
2.5 V
-
1.73
-
-
1.25
-
Vpp
011 (default)
0.6047
1.8 V
-
2.05
-
1.41
1.48
1.55
Vpp
2.5 V
1.95
2.05
2.15
-
1.48
-
Vpp
100
0.7099
1.8 V
-
2.41
-
-
1.73
-
Vpp
2.5 V
-
2.41
-
-
1.73
-
Vpp
101
0.8399
1.8 V
-
2.85
-
2.05
Vpp
2.5 V
-
2.85
-
-
2.05
-
Vpp
110
1.0000
1.8 V
-
3.39
-
-
2.44
-
Vpp
2.5 V
-
3.39
-
-
2.44
-
Vpp
111
1.1430
1.8 V
(See (Note 11)
2.79
Vpp
2.5 V
-
3.88
-
-
2.79
-
Vpp
Parameters (Note 10)
Symbol
Conditions
Min
Typ
Max Units



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com