Electronic Components Datasheet Search
  English  ▼

X  

CS42L52 Datasheet(PDF) 51 Page - Cirrus Logic

Part # CS42L52
Description  Low Power, Stereo CODEC w/Headphone & Speaker Amps
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS42L52 Datasheet(HTML) 51 Page - Cirrus Logic

Back Button CS42L52 Datasheet HTML 47Page - Cirrus Logic CS42L52 Datasheet HTML 48Page - Cirrus Logic CS42L52 Datasheet HTML 49Page - Cirrus Logic CS42L52 Datasheet HTML 50Page - Cirrus Logic CS42L52 Datasheet HTML 51Page - Cirrus Logic CS42L52 Datasheet HTML 52Page - Cirrus Logic CS42L52 Datasheet HTML 53Page - Cirrus Logic CS42L52 Datasheet HTML 54Page - Cirrus Logic CS42L52 Datasheet HTML 55Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 82 page
background image
DS680A1
51
CS42L52
6.11.5 ADC Mute
Configures a digital mute on ADC channel x.
6.12 Playback Control 1 (Address 0Dh)
6.12.1 Headphone Analog Gain
Selects the gain multiplier for the headphone/line outputs.
Note:
Refer to “Line Output Voltage Level Characteristics” on page 18 and “Headphone Output Power
Characteristics” on page 19.
6.12.2 Playback Volume Setting B=A
Configures independent or ganged volume control of all playback channels.
6.12.3 Invert PCM Signal Polarity
Configures the polarity of the digital input signal.
6.12.4 Master Playback Mute
Configures a digital mute on the master volume control for channel x.
Note:
The muting function is affected by the DIGSFT (“Digital Soft Ramp” on page 53) and DIGZC
(“Digital Zero Cross” on page 53) bits.
ADCxMUTE
ADC Mute
0
Not Inverted
1
Inverted
7
6
5
432
10
HPGAIN2
HPGAIN1
HPGAIN0
PLYBCKB=A
INV_PCMB
INV_PCMA
MSTBMUTE
MSTAMUTE
HPGAIN[2:0]
Headphone/Line Gain Setting (G)
000
0.3959
001
0.4571
010
0.5111
011
0.6047
100
0.7099
101
0.8399
110
1.000
111
1.1430
PLYBCKB=A
Single Volume Control for all Playback Channels
0
Disabled
1
Enabled
INV_PCMx
PCM Signal Polarity
0
Not Inverted
1
Inverted
MSTxMUTE
Master Mute
0
Not Inverted
1
Inverted



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com