Electronic Components Datasheet Search
  English  ▼

X  

CS42L52 Datasheet(PDF) 55 Page - Cirrus Logic

Part # CS42L52
Description  Low Power, Stereo CODEC w/Headphone & Speaker Amps
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS42L52 Datasheet(HTML) 55 Page - Cirrus Logic

Back Button CS42L52 Datasheet HTML 51Page - Cirrus Logic CS42L52 Datasheet HTML 52Page - Cirrus Logic CS42L52 Datasheet HTML 53Page - Cirrus Logic CS42L52 Datasheet HTML 54Page - Cirrus Logic CS42L52 Datasheet HTML 55Page - Cirrus Logic CS42L52 Datasheet HTML 56Page - Cirrus Logic CS42L52 Datasheet HTML 57Page - Cirrus Logic CS42L52 Datasheet HTML 58Page - Cirrus Logic CS42L52 Datasheet HTML 59Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 82 page
background image
DS680A1
55
CS42L52
6.15.2 MICx Configuration
Configures the input topology for MICx.
6.15.3 MICx Gain
Sets the gain of the microphone pre-amplifier.
6.16 PGAx Vol. & ALCx Transition Ctl.:
ALC, PGA A (Address 12h) & ALC, PGA B (Address 13h)
6.16.1 ALCx Soft Ramp Disable
Configures an override of the analog soft ramp setting.
6.16.2 ALCx Zero Cross Disable
Configures an override of the analog zero cross setting.
MICxCFG
MIC Input Topology
0
Single-Ended
1
Differential
Application:
“MIC Inputs” on page 27
MICxGAIN[4:0]
Gain
11111
32 dB
...
...
10000
32 dB
...
...
00000
16 dB
Step Size:
1 dB
Application:
“MIC Inputs” on page 27
7
6543210
ALCxSRDIS
ALCxZCDIS
PGAxVOL5
PGAxVOL4
PGAxVOL3
PGAxVOL2
PGAxVOL1
PGAxVOL0
ALCxSRDIS
ALC Soft Ramp Disable
0
OFF; ALC Attack Rate is dictated by the ANLGSFT (“Ch. x Analog Soft Ramp” on page 49) setting
1
ON; ALC volume changes take effect in one step, regardless of the ANLGSFT setting.
Application:
“Automatic Level Control (ALC)” on page 27
ALCxZCDIS
ALC Zero Cross Disable
0
OFF; ALC Attack Rate is dictated by the ANLGZC (“Ch. x Analog Zero Cross” on page 49) setting
1
ON; ALC volume changes take effect at any time, regardless of the ANLGZC setting.
Application:
“Automatic Level Control (ALC)” on page 27



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com