Electronic Components Datasheet Search
  English  ▼

X  

CS42L52 Datasheet(PDF) 26 Page - Cirrus Logic

Part # CS42L52
Description  Low Power, Stereo CODEC w/Headphone & Speaker Amps
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS42L52 Datasheet(HTML) 26 Page - Cirrus Logic

Back Button CS42L52 Datasheet HTML 22Page - Cirrus Logic CS42L52 Datasheet HTML 23Page - Cirrus Logic CS42L52 Datasheet HTML 24Page - Cirrus Logic CS42L52 Datasheet HTML 25Page - Cirrus Logic CS42L52 Datasheet HTML 26Page - Cirrus Logic CS42L52 Datasheet HTML 27Page - Cirrus Logic CS42L52 Datasheet HTML 28Page - Cirrus Logic CS42L52 Datasheet HTML 29Page - Cirrus Logic CS42L52 Datasheet HTML 30Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 82 page
background image
26
DS680A1
CS42L52
4.2
Analog Inputs
Referenced Control
Register Location
Analog Front End
PDN_PGAx .........................
PGAxVOL[5:0].....................
ADCB=A ..............................
ANLGSFTx ..........................
ANLGZCx ............................
ADCxSEL[2:0] .....................
PGAxSEL5,4,3,2,1 ..............
BIASLVL[2:0] .......................
PDN_BIAS...........................
PDN_ADCx .........................
PDN_CHRG ........................
INV_ADCx ...........................
HPFRZx...............................
HPFx ...................................
HPFx_CF[1:0]......................
ADCxOVFL..........................
Digital Volume
ADCxMUTE.........................
ADCxVOL............................
ALCx....................................
ALCxSRDIS.........................
ALCxZCDIS.........................
ALCARATE[5:0]...................
ALCRRATE[5:0] ..................
MAX[2:0]..............................
MIN[2:0]...............................
NGALL.................................
NG .......................................
THRESH[3:0].......................
NGDELAY[1:0] ....................
Miscellaneous
DIGSUM[1:0] .......................
DIGMUX ..............................
“Power Down PGAx” on page 42
“PGAx Volume” on page 56
“ADC Channel B=A” on page 50
“Ch. x Analog Soft Ramp” on page 49
“Ch. x Analog Zero Cross” on page 49
“ADC Input Select” on page 48
“PGA Input Mapping” on page 49
“MIC Bias Level” on page 48
“Power Down MIC Bias” on page 43
“Power Down ADCx” on page 43
“Power Down ADC Charge Pump” on page 42
“Invert ADC Signal Polarity” on page 50
“ADCx High-Pass Filter Freeze” on page 49
“ADCx High-Pass Filter” on page 49
“HPF x Corner Frequency” on page 50
“ADCx Overflow (Read Only)” on page 71
“ADC Mute” on page 51
“ADCx Volume” on page 57
“ALCx Enable” on page 67
“ALCx Soft Ramp Disable” on page 55
“ALCx Zero Cross Disable” on page 55
“ALC Attack Rate” on page 67
“ALC Release Rate” on page 68
“ALC Maximum Threshold” on page 68
“ALC Minimum Threshold” on page 69
“Noise Gate All Channels” on page 69
“Noise Gate Enable” on page 69
“Noise Gate Threshold and Boost” on page 70
“Noise Gate Delay Timing” on page 70
“Digital Sum” on page 50
“Digital MUX” on page 50
`
AIN4A/ MIC1+/
MIC2A
Gain Adjust
ALC
PDN_PGAA
PGAAVOL[5:0]
ADCB=A
ANLGSFTA
ANLGZCA
HPFRZA
HPFA
HPFA_CF[1:0]
PDN_ADCA
INV_ADCA
PDN_CHRG
ALCB
ALCBSRDIS
ALCBZCDIS
MICBIAS
BIASLVL[2:0]
PDN_BIAS
TO DSP Engine
ALCARATE[5:0]
ALCRRATE[5:0]
MAX[2:0]
MIN[2:0]
ALCA
ALCASRDIS
ALCAZCDIS
AIN1A
AIN2A
= PGAASEL[5:1]
ADC
PDN_PGAB
PGABVOL[5:0]
ADCB=A
ANLGSFTB
ANLGZCB
ADCBMUTE
DIGSFT
DIGZC
ADCBVOL[7:0]
+24/-96dB
1dB steps
HPFRZB
HPB
HPFB_CF[1:0]
PDN_ADCB
INV_ADCB
PDN_CHRG
Noise Gate
NGALL
NG
THRESH[3:0]
NGDELAY[1:0]
Gain Adjust
FROM DSP ENGINE
DIGMIX
AIN3A/MIC1-/
MIC1A
AIN4B/ MIC2+/
MIC2B
AIN1B
AIN2B
AIN3B/MIC2-/
MIC1B
ANALOG PASS THRU TO
HEADPHONE AMPLIFIER MUX
Swap/
Mix
DIGSUM[1:0]
ADCAMUTE
DIGSFT
DIGZC
ADCAVOL[7:0]
+24/-96dB
1dB steps
Refer to
“MIC Inputs”
ADC
Σ
ADCASEL[2:0]
ADCBSEL[2:0]
= PGABSEL[5:1]
Refer to
“MIC Inputs”
Σ
Figure 5. Analog Input Signal Flow



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com