Electronic Components Datasheet Search
  English  ▼

X  

CS42L52 Datasheet(PDF) 73 Page - Cirrus Logic

Part # CS42L52
Description  Low Power, Stereo CODEC w/Headphone & Speaker Amps
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS42L52 Datasheet(HTML) 73 Page - Cirrus Logic

Back Button CS42L52 Datasheet HTML 69Page - Cirrus Logic CS42L52 Datasheet HTML 70Page - Cirrus Logic CS42L52 Datasheet HTML 71Page - Cirrus Logic CS42L52 Datasheet HTML 72Page - Cirrus Logic CS42L52 Datasheet HTML 73Page - Cirrus Logic CS42L52 Datasheet HTML 74Page - Cirrus Logic CS42L52 Datasheet HTML 75Page - Cirrus Logic CS42L52 Datasheet HTML 76Page - Cirrus Logic CS42L52 Datasheet HTML 77Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 82 page
background image
DS680A1
73
CS42L52
6.39.2 SPKR/HP Pin Status (Read Only)
Indicates the status of the SPKR/HP pin.
6.39.3 Thermal Warning Status (Read Only)
Indicates whether or not the CODEC’s die temperature is approaching thermal error status.
6.39.4 Thermal Error Status (Read Only)
Indicates whether or not the CODEC’s die temperature has exceeded safe temperatures.
6.40 Temperature Monitor Control (Address 32h)
6.40.1 Temperature Acknowledge & Release
User-acknowledge input allowing the speaker output to resume normal operation after an automatic ther-
mal-error-shutdown (“Thermal Error Status (Read Only)” on page 73).
Note:
When temperatures exceed the TERRTHR[2:0] and the speaker outputs power down, this bit
must first be toggled from ‘0’b to ‘1’b and then back to ‘0’b before the speaker powers up and resumes
normal operation.
6.40.2 Thermal Foldback (Address 33h)
6.40.3 Thermal Foldback
Configures automatic adjustment of the speaker volume when the die temperature is approaching thermal
error status.
Note:
If THRFLD is enabled and subsequently disabled when a thermal warning (indicated by TWRN)
is in progress, future automatic attenuation (specified in SPKATTN) is disabled but the current automatic
attenuation may remain for as long as ~512 ms before returning to the volume specified in SPKxVOL[7:0].
SPKR/HP
Pin State
0
Pulled Low
1
Pulled High
TWRN
Thermal Status
0
Die temperature has not approached thermal error status.
1
Die temperature is approaching thermal error status.
TERR
Thermal Status
0
Die temperature is within safe operating limits
1
Die temperature has reached unsafe levels; Speaker outputs will shut down immediately.
7
6
5
432
10
RELEASE
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
RELEASE
User Action
0
Remove automatic speaker-shutdown after thermal error is acknowledged
1
Acknowledge thermal error
7
6
5
432
10
Reserved
Reserved
Reserved
Reserved
THRFLD
SPKATTN2
SPKATTN1
SPKATTN0
THRFLD
Automatic Speaker Attenuation
0
Disabled
1
Enabled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com