Electronic Components Datasheet Search
  English  ▼

X  

S32K310 Datasheet(PDF) 18 Page - NXP Semiconductors

Part # S32K310
Description  Supports S32K344, S32K324, S32K314, S32K312, S32K311, S32K310, S32K341, S32K342 and S32K322. Data is preliminary for S32K328, S32K338, S32K348, S32K358 and S32K388
PDF  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

S32K310 Datasheet(HTML) 18 Page - NXP Semiconductors

Back Button S32K310 Datasheet HTML 14Page - NXP Semiconductors S32K310 Datasheet HTML 15Page - NXP Semiconductors S32K310 Datasheet HTML 16Page - NXP Semiconductors S32K310 Datasheet HTML 17Page - NXP Semiconductors S32K310 Datasheet HTML 18Page - NXP Semiconductors S32K310 Datasheet HTML 19Page - NXP Semiconductors S32K310 Datasheet HTML 20Page - NXP Semiconductors S32K310 Datasheet HTML 21Page - NXP Semiconductors S32K310 Datasheet HTML 22Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 136 page
background image
Table 2. Absolute maximum ratings (continued)
Symbol
Description
Min
Typ
Max
Unit
Condition
Spec
Number
V11
High-current core
logic supply input 1
-0.3
—
1.26
V
For S32K388
—
V11
Core logic
voltage supply
(1.1 V), internally
regulated 1
-0.3
—
1.26
V
For other S32K3xx
variants
—
VREFH
ADC high reference
voltage 1,2
-0.3
—
6.0
V
—
—
VREFL
ADC low reference
voltage 1
-0.3
—
0.3
V
—
—
VGPIO_trans
Transient
overshoot voltage
allowed on I/
O pin 1,2,4
-
—
6.0
V
—
—
I_INJPAD_DC_
ABS
Continuous DC
input current
(positive/negative)
that can be injected
into an I/O pin 5
-3
—
3
mA
—
—
I_INJSUM_DC_
ABS
Sum of absolute
value of injected
currents on all the
I/O pins (continuous
DC limit) 5
—
—
30
mA
—
—
TSTG
Storage ambient
temperature 6
-55
—
150
°C
—
—
1. All voltages are referred to VSS unless otherwise specified.
2. 6.0 V maximum for 10 hours over lifetime; 7.0 V maximum for 60 seconds over lifetime.
3. Voltage at VDD_DCDC cannot be higher than VDD_HV_A.
4. Absolute max rating must be honored under all conditions, including current injection.
5. When input pad voltage levels are close to VDD_HV_A (respectively to VDD_HV_B) or VSS, practically no current injection
is possible. See application note AN4731 for a description of injection current on NXP automotive microcontrollers.
6. TSTG specifies the storage temperature range. It is not the operating temperature range. Please refer to the Thermal
operating characteristics table.
5.2 Voltage and current operating requirements
Device functionality is guaranteed down to the LVR assert level, however electrical performance of 12-bit ADC,
CMP with 8-bit DAC, IO electrical characteristics, and communication modules electrical characteristics will be
degraded when voltage drops below 2.97 V.
NOTE
The VDD_HV_B and V15 voltage supply domains are only present in certain devices and packages (S32K388, S32K358,
S32K348, S32K338, S32K328, S32K344, S32K324, S32K314, S32K342, S32K341, S32K322).
The VDD_DCDC supply voltage is only present in certain devices and packages (S32K358, S32K348, S32K338, S32K328).
NXP Semiconductors
General
S32K3xx Data Sheet, Rev. 8, 06/2023
Data Sheet: Technical Data
Preliminary Information for S32K3x8
18 / 136



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com