Electronic Components Datasheet Search
  English  ▼

X  

S32K310 Datasheet(PDF) 74 Page - NXP Semiconductors

Part # S32K310
Description  Supports S32K344, S32K324, S32K314, S32K312, S32K311, S32K310, S32K341, S32K342 and S32K322. Data is preliminary for S32K328, S32K338, S32K348, S32K358 and S32K388
PDF  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

S32K310 Datasheet(HTML) 74 Page - NXP Semiconductors

Back Button S32K310 Datasheet HTML 70Page - NXP Semiconductors S32K310 Datasheet HTML 71Page - NXP Semiconductors S32K310 Datasheet HTML 72Page - NXP Semiconductors S32K310 Datasheet HTML 73Page - NXP Semiconductors S32K310 Datasheet HTML 74Page - NXP Semiconductors S32K310 Datasheet HTML 75Page - NXP Semiconductors S32K310 Datasheet HTML 76Page - NXP Semiconductors S32K310 Datasheet HTML 77Page - NXP Semiconductors S32K310 Datasheet HTML 78Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 136 page
background image
Table 34. Flash Read Wait State Settings (S32K358, S32K348, S32K338, S32K328 and S32K388) (continued)
Flash Frequency
RWSC setting
120 MHz < Freq ≤ 150 MHz
4
150 MHz < Freq ≤ 180 MHz
5
180 MHz < Freq ≤ 210 MHz
6
210 MHz < Freq ≤ 240 MHz
7
240 MHz < Freq ≤ 250 MHz
8
10 Analog modules
10.1 SAR ADC
All below specs are applicable only when one ADC instance is in operation and averaging is used or multiple ADC instances are
operational at the same time but sampling different channels. Best performance can be achieved if only one ADC is operational
at a time sampling one channel
Table 35. SAR ADC
Symbol
Description
Min
Typ
Max
Unit
Condition
Spec
Number
VDD_HV_A
ADC Supply
Voltage 1
2.97
—
5.5
V
—
—
DVREFL
VSS / VREFL
Voltage Difference 2
-100
—
100
mV
—
—
VAD_INPUT
ADC Input Voltage 3 VREFL
—
VREFH
V
—
—
fAD_CK
ADC Clock
Frequency
(S32K344,
S32K324, S32K314,
S32K342, S32K341,
S32K322)
10
—
80
MHz
—
—
fAD_CK
ADC Clock
Frequency
(S32K312,
S32K311, S32K310,
S32K358, S32K348,
S32K338, S32K328,
S32K388)
10
—
120
MHz
—
—
tSAMPLE
ADC Input Sampling
Time
275
—
—
ns
—
—
tCONV
ADC Total
Conversion Time
1
—
—
us
12-bit result
—
Table continues on the next page...
NXP Semiconductors
Analog modules
S32K3xx Data Sheet, Rev. 8, 06/2023
Data Sheet: Technical Data
Preliminary Information for S32K3x8
74 / 136



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com