Electronic Components Datasheet Search
  English  ▼

X  

S32K310 Datasheet(PDF) 63 Page - NXP Semiconductors

Part # S32K310
Description  Supports S32K344, S32K324, S32K314, S32K312, S32K311, S32K310, S32K341, S32K342 and S32K322. Data is preliminary for S32K328, S32K338, S32K348, S32K358 and S32K388
PDF  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

S32K310 Datasheet(HTML) 63 Page - NXP Semiconductors

Back Button S32K310 Datasheet HTML 59Page - NXP Semiconductors S32K310 Datasheet HTML 60Page - NXP Semiconductors S32K310 Datasheet HTML 61Page - NXP Semiconductors S32K310 Datasheet HTML 62Page - NXP Semiconductors S32K310 Datasheet HTML 63Page - NXP Semiconductors S32K310 Datasheet HTML 64Page - NXP Semiconductors S32K310 Datasheet HTML 65Page - NXP Semiconductors S32K310 Datasheet HTML 66Page - NXP Semiconductors S32K310 Datasheet HTML 67Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 136 page
background image
For other devices, the "Analog Function Count" is defined from the number of CMP and ADC channels multiplexed to a given
pin. This information can be obtained from the "Direct Signals" column in the IOMUX files attached to the Reference Manual. The
"Analog Function Count" is shown in the Condition column of the following table.
Table 25. GPIO DC electrical specifications, 5.0V (4.5V - 5.5V)
Symbol
Description
Min
Typ
Max
Unit
Condition
Spec
Number
VIH
Input high level DC
voltage threshold
0.65 x
VDD_HV
_A/B
—
VDD_HV
_A/B +
0.3
V
VDD_HV_A/B = 5.0V
—
VIL
Input low level DC
voltage threshold
VSS - 0.3 —
0.35 x
VDD_HV
_A/B
V
VDD_HV_A/B = 5.0V
—
WFRST
RESET Input filtered
pulse width 1
—
—
33
ns
—
—
WNFRST
RESET Input not
filtered pulse width 2
100
—
—
ns
—
—
ILKG_50_S0
5.0V input leakage
current for Standard
GPIO 3
-250
—
800
nA
Pins with Analog
Function Count = 0
—
ILKG_50_S1
5.0V input leakage
current for Standard
GPIO 3
-1300
—
1100
nA
Pins with Analog
Function Count = 1
—
ILKG_50_S2
5.0V input leakage
current for Standard
GPIO 3
-2300
—
1450
nA
Pins with Analog
Function Count = 2,
plus PTA12, PTD1
—
ILKG_50_S3
5.0V input leakage
current for Standard
GPIO 3
-3300
—
1750
nA
Pins with Analog
Function Count = 3,
plus PTD0
—
ILKG_50_S_PTE13 5.0V input leakage
current for Standard
GPIO 3
-3300
—
1750
nA
PMC VRC_CTRL pin
—
ILKG_50_SP0
5.0V input leakage
current for Standard
Plus GPIO and
RESET IO 3
-660
—
1760
nA
Pins with Analog
Function Count = 0
—
ILKG_50_SP1
5.0V input leakage
current for Standard
Plus GPIO and
RESET IO 3
-1510
—
2030
nA
Pins with Analog
Function Count = 1
—
ILKG_50_SP2
5.0V input leakage
current for Standard
Plus GPIO and
RESET IO 3
-2450
—
2290
nA
Pins with Analog
Function Count = 2
—
Table continues on the next page...
NXP Semiconductors
I/O parameters
S32K3xx Data Sheet, Rev. 8, 06/2023
Data Sheet: Technical Data
Preliminary Information for S32K3x8
63 / 136



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com