Electronic Components Datasheet Search
  English  ▼

X  

S32K310 Datasheet(PDF) 83 Page - NXP Semiconductors

Part # S32K310
Description  Supports S32K344, S32K324, S32K314, S32K312, S32K311, S32K310, S32K341, S32K342 and S32K322. Data is preliminary for S32K328, S32K338, S32K348, S32K358 and S32K388
PDF  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

S32K310 Datasheet(HTML) 83 Page - NXP Semiconductors

Back Button S32K310 Datasheet HTML 79Page - NXP Semiconductors S32K310 Datasheet HTML 80Page - NXP Semiconductors S32K310 Datasheet HTML 81Page - NXP Semiconductors S32K310 Datasheet HTML 82Page - NXP Semiconductors S32K310 Datasheet HTML 83Page - NXP Semiconductors S32K310 Datasheet HTML 84Page - NXP Semiconductors S32K310 Datasheet HTML 85Page - NXP Semiconductors S32K310 Datasheet HTML 86Page - NXP Semiconductors S32K310 Datasheet HTML 87Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 136 page
background image
Table 41. PLL (continued)
Symbol
Description
Min
Typ
Max
Unit
Condition
Spec
Number
JPLL_acc
PLL accumulated
jitter (pk-pk) 1,2,3
—
—
1680
ps
FPLL_out = 240MHz,
Fractional Mode
—
JPLL_cyc
PLL period jitter (pk-
pk) 1,2,3
—
—
295
ps
FPLL_out = 160MHz,
Integer Mode
—
JPLL_cyc
PLL period jitter (pk-
pk) 1,2,3
—
—
670
ps
FPLL_out = 160MHz,
Fractional Mode
—
JPLL_acc
PLL accumulated
jitter (pk-pk) 1,2,3
—
—
840
ps
FPLL_out = 160MHz,
Integer Mode
—
JPLL_acc
PLL accumulated
jitter (pk-pk) 1,2,3
—
—
1680
ps
FPLL_out = 160MHz,
Fractional Mode
—
JPLL_cyc
PLL period jitter (pk-
pk) 1,2,3
—
—
353
ps
FPLL_out = 120MHz,
Integer Mode
—
JPLL_cyc
PLL period jitter (pk-
pk) 1,2,3
—
—
853
ps
FPLL_out = 120MHz,
Fractional Mode
—
JPLL_acc
PLL accumulated
jitter (pk-pk) 1,2,3
—
—
840
ps
FPLL_out = 120MHz,
Integer Mode
—
JPLL_acc
PLL accumulated
jitter (pk-pk) 1,2,3
—
—
1680
ps
FPLL_out = 120MHz,
Fractional Mode
—
1. For SSCG, jitter due to systematic modulation needs to be added as per applied modulation. Accumulated jitter
specification is not valid with SSCG
2. Jitter numbers are valid only at IP boundary and does not include any degradation due to IO pad for clock measurement.
3. Jitter numbers calculated by extrapolating RMS jitter numbers to +/- 7 sigma .
11.4 Fast External Oscillator (FXOSC)
Table 42. Fast External Oscillator (FXOSC)
Symbol
Description
Min
Typ
Max
Unit
Condition
Spec
Number
FREQ_BYPASS
Input clock
frequency in bypass
mode 1
—
—
50
MHz
—
—
TRF_BYPASS
Input clock rise/fall
time in bypass
mode 1
—
—
5
ns
—
—
CLKIN_DUTY_
BYPASS
Input clock duty
cycle in bypass
mode 1
47.5
—
52.5
%
—
—
FXOSC_CLK
output clock
frequency in crystal
mode
8
—
40
MHz
—
—
Table continues on the next page...
NXP Semiconductors
Clocking modules
S32K3xx Data Sheet, Rev. 8, 06/2023
Data Sheet: Technical Data
Preliminary Information for S32K3x8
83 / 136



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com