Electronic Components Datasheet Search
  English  ▼

X  

S32K310 Datasheet(PDF) 56 Page - NXP Semiconductors

Part # S32K310
Description  Supports S32K344, S32K324, S32K314, S32K312, S32K311, S32K310, S32K341, S32K342 and S32K322. Data is preliminary for S32K328, S32K338, S32K348, S32K358 and S32K388
PDF  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

S32K310 Datasheet(HTML) 56 Page - NXP Semiconductors

Back Button S32K310 Datasheet HTML 52Page - NXP Semiconductors S32K310 Datasheet HTML 53Page - NXP Semiconductors S32K310 Datasheet HTML 54Page - NXP Semiconductors S32K310 Datasheet HTML 55Page - NXP Semiconductors S32K310 Datasheet HTML 56Page - NXP Semiconductors S32K310 Datasheet HTML 57Page - NXP Semiconductors S32K310 Datasheet HTML 58Page - NXP Semiconductors S32K310 Datasheet HTML 59Page - NXP Semiconductors S32K310 Datasheet HTML 60Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 136 page
background image
8. For the maximum allowable RUN current in an application, the junction temperature must be kept below the maximum
specification, TJ < 150°C, to avoid self-heating.
9. If the total power dissipation would cause the junction temperature to be exceeded when VDD_HV_A is at 5V, then VDD_HV_A
should be limited to operate at 3.3V.
6.8 Operating mode
Table 21. STANDBY and low speed RUN configuration options
MODULE
STANDBY
All OFF
STANDBY
SIRC ON
STANDBY
FIRC ON
BOOT Mode
(OptionC1, FIRC
@24 MHz)
Low Speed RUN
(OptionE 1, FIRC
@ 3MHz)
FIRC Mode
(OptionD 1, FIRC
@48 MHz)
Core M7_0/1
OFF
OFF
OFF
24 MHz
3 MHz
48 MHz
HSE_B
OFF
OFF
OFF
24 MHz
3 MHz
48 MHz
FIRC
OFF
OFF
24 MHz
24 MHz
3 MHz
48 MHz
FXOSC
OFF
OFF
OFF
OFF
OFF
OFF
SIRC
OFF
ON
OFF
ON
ON
ON
PLL
OFF
OFF
OFF
OFF
OFF
OFF
Flash
OFF
OFF
OFF
ON
ON
ON
eDMA
OFF
OFF
OFF
ON
ON
ON
FlexCAN
All OFF
All OFF
All OFF
All OFF
All OFF
All OFF
LPUART
All OFF
All OFF
All OFF
All OFF
All OFF
All OFF
LPSPI
All OFF
All OFF
All OFF
All OFF
All OFF
All OFF
LPI2C
All OFF
All OFF
All OFF
All OFF
All OFF
All OFF
EMAC/GMAC
OFF
OFF
OFF
OFF
OFF
OFF
eMIOS
All OFF
All OFF
All OFF
All OFF
All OFF
All OFF
SAR_ADC
All OFF
All OFF
All OFF
All OFF
All OFF
All OFF
LPCMP
All OFF
All OFF
All OFF
All OFF
All OFF
All OFF
1. See clocking use case examples in the Clocking chapter of the S32K3xx Reference Manual.
Table 22. RUN mode configuration options
MODU
LE
Min.
Config.
(Optio
nF1),
PLL@
Min.
Config.
(Optio
nB1),
PLL@
Min.
Config.
(Optio
nA1),
PLL@
Min.
Config.
(Optio
nA+1),
PLL@
Min.
Config.
(Optio
nA+
+1),
PLL@
Config.
1
Dual
Core
Config.
2
Single
Core
Config.
3
Dual
Core
Config.
4
Single
Core
Config.
5
Single
Core
Config.
6-1
Dual
Core
Config.
6-2
Triple
Core
Config.
7
1xLS +
3x
Table continues on the next page...
NXP Semiconductors
Power management
S32K3xx Data Sheet, Rev. 8, 06/2023
Data Sheet: Technical Data
Preliminary Information for S32K3x8
56 / 136



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com