Electronic Components Datasheet Search
  English  ▼

X  

S32K310 Datasheet(PDF) 44 Page - NXP Semiconductors

Part # S32K310
Description  Supports S32K344, S32K324, S32K314, S32K312, S32K311, S32K310, S32K341, S32K342 and S32K322. Data is preliminary for S32K328, S32K338, S32K348, S32K358 and S32K388
PDF  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

S32K310 Datasheet(HTML) 44 Page - NXP Semiconductors

Back Button S32K310 Datasheet HTML 40Page - NXP Semiconductors S32K310 Datasheet HTML 41Page - NXP Semiconductors S32K310 Datasheet HTML 42Page - NXP Semiconductors S32K310 Datasheet HTML 43Page - NXP Semiconductors S32K310 Datasheet HTML 44Page - NXP Semiconductors S32K310 Datasheet HTML 45Page - NXP Semiconductors S32K310 Datasheet HTML 46Page - NXP Semiconductors S32K310 Datasheet HTML 47Page - NXP Semiconductors S32K310 Datasheet HTML 48Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 136 page
background image
Table 14. V11 regulator (NMOS ballast transistor control) electrical specifications
Symbol
Description
Min
Typ
Max
Unit
Condition
Spec
Number
V11
V11 output
—
1.155
—
—
—
—
VTH_NMOS
Vth of external
NMOS
—
—
1
V
—
—
IDS_NMOS
IDS of external
NMOS
3
—
—
A
—
—
tsettle_lm
Required setting
time from V11 in
FPM to load change
10
—
—
us
—
—
CNMOS
NMOS gate stability
capacitor
—
1
—
nF
—
—
6.7 Supply currents
All data in this table is preliminary and based on first samples.
NOTE
Typical current numbers are indicative for typical silicon process and may vary based on the silicon distribution and user
configuration. Typical conditions assumes VDD_HV_A = VREFH = 5 V, VDD_HV_B = 5V (if the VDD_HV_B domain present in the
device), temperature = 25 °C, and typical silicon process unless otherwise stated. In STANDBY configuration, no current flows
through the V15 supply.
Table 15. STANDBY mode supply currents
Chip
Ambient Temperature (°C)
STANDBY 1
VDD_HV_A 2
VDD_HV_B 2
All clocks &
peripherals
OFF
(µA)
SIRC ON
(µA)
FIRC ON (24
MHz)
(mA)
All Config.
(µA)
S32K388
25, typ 3
TBD
TBD
TBD
TBD
25, max 4
TBD
TBD
TBD
TBD
85, typ 3
TBD
TBD
TBD
TBD
85, max 4
TBD
TBD
TBD
TBD
105, typ 3
TBD
TBD
TBD
TBD
105, max 4
TBD
TBD
TBD
TBD
125, typ 3
TBD
TBD
TBD
TBD
125, max 4
TBD
TBD
TBD
TBD
Table continues on the next page...
NXP Semiconductors
Power management
S32K3xx Data Sheet, Rev. 8, 06/2023
Data Sheet: Technical Data
Preliminary Information for S32K3x8
44 / 136



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com