Electronic Components Datasheet Search
  English  ▼

X  

S32K310 Datasheet(PDF) 47 Page - NXP Semiconductors

Part # S32K310
Description  Supports S32K344, S32K324, S32K314, S32K312, S32K311, S32K310, S32K341, S32K342 and S32K322. Data is preliminary for S32K328, S32K338, S32K348, S32K358 and S32K388
PDF  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

S32K310 Datasheet(HTML) 47 Page - NXP Semiconductors

Back Button S32K310 Datasheet HTML 43Page - NXP Semiconductors S32K310 Datasheet HTML 44Page - NXP Semiconductors S32K310 Datasheet HTML 45Page - NXP Semiconductors S32K310 Datasheet HTML 46Page - NXP Semiconductors S32K310 Datasheet HTML 47Page - NXP Semiconductors S32K310 Datasheet HTML 48Page - NXP Semiconductors S32K310 Datasheet HTML 49Page - NXP Semiconductors S32K310 Datasheet HTML 50Page - NXP Semiconductors S32K310 Datasheet HTML 51Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 136 page
background image
Table 16. Low speed RUN mode supply currents
Chip
Low Speed RUN Mode (mA) 1
S32K388
25, typ 7
NA
TBD
TBD
NA
TBD
TBD
NA
TBD
TBD TBD
25, max 8
TBD
TBD
TBD
TBD
TBD
TBD TBD
85, typ 7
TBD
TBD
TBD
TBD
TBD
TBD TBD
85, max 8
TBD
TBD
TBD
TBD
TBD
TBD TBD
105, typ 7
TBD
TBD
TBD
TBD
TBD
TBD TBD
105, max 8
TBD
TBD
TBD
TBD
TBD
TBD TBD
125, typ 7
TBD
TBD
TBD
TBD
TBD
TBD TBD
125,
max 8, 9
TBD
TBD
TBD
TBD
TBD
TBD TBD
S32K358,
S32K348,
S32K338,
S32K328
25, typ 7
NA
5
25
NA
5
6
NA
5
55
TBD
25, max 8
TBD
TBD
TBD
TBD
TBD
TBD TBD
85, typ 7
TBD
TBD
TBD
TBD
TBD
TBD TBD
85, max 8
TBD
TBD
TBD
TBD
TBD
TBD TBD
105, typ 7
TBD
TBD
TBD
TBD
TBD
TBD TBD
105, max 8
TBD
TBD
TBD
TBD
TBD
TBD TBD
125, typ 7
TBD
TBD
TBD
TBD
TBD
TBD TBD
Table continues on the next page...
NXP Semiconductors
Power management
S32K3xx Data Sheet, Rev. 8, 06/2023
Data Sheet: Technical Data
Preliminary Information for S32K3x8
47 / 136



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com