Electronic Components Datasheet Search
  English  ▼

X  

S32K310 Datasheet(PDF) 20 Page - NXP Semiconductors

Part # S32K310
Description  Supports S32K344, S32K324, S32K314, S32K312, S32K311, S32K310, S32K341, S32K342 and S32K322. Data is preliminary for S32K328, S32K338, S32K348, S32K358 and S32K388
PDF  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

S32K310 Datasheet(HTML) 20 Page - NXP Semiconductors

Back Button S32K310 Datasheet HTML 16Page - NXP Semiconductors S32K310 Datasheet HTML 17Page - NXP Semiconductors S32K310 Datasheet HTML 18Page - NXP Semiconductors S32K310 Datasheet HTML 19Page - NXP Semiconductors S32K310 Datasheet HTML 20Page - NXP Semiconductors S32K310 Datasheet HTML 21Page - NXP Semiconductors S32K310 Datasheet HTML 22Page - NXP Semiconductors S32K310 Datasheet HTML 23Page - NXP Semiconductors S32K310 Datasheet HTML 24Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 136 page
background image
Table 3. Voltage and current operating requirements (continued)
Symbol
Description
Min
Typ
Max
Unit
Condition
Spec
Number
IINJPAD_DC_OP
Continuous DC input
current (positive/
negative) that can be
injected into an I/O
pin 8
-2
—
3
mA
VDD_HV_A >= 2.97V
—
IINJSUM_DC_OP
Sum of
absolute value of
injected currents
on all the I/O
pins (continuous
DC limit) 8
-30
—
30
mA
VDD_HV_A >= 3.6V
—
IINJSUM_DC_OP
Sum of
absolute value of
injected currents
on all the I/O
pins (continuous
DC limit) 8
-20
—
30
mA
VDD_HV_A >= 2.97V
—
Vramp_slow
Supply ramp rate
(slow) 1,9
0.5
—
—
V/min
—
—
Vramp_fast
Supply ramp rate
(fast) 1,9
—
—
100
V/ms
—
—
1. All voltages are referred to VSS unless otherwise specified.
2. Voltage at VDD_DCDC cannot be higher than VDD_HV_A.
3. Min and Max values are applicable only for non-SMPS mode where V15 is sourced externally.
4. If total power dissipation and maximum junction temperature allows. Please refer to Thermal operating characteristics
table for the maximum junction temperature, and Thermal characteristics table for the thermal characteristics, to determine
the maximum power dissipation allowed for a given package.
5. You must ensure that the junction temperature in the application must not exceed the maximum specified Tj.
6. VREFH should always be equal to or less than VDD_HV_A +0.1. Any positive differential voltage between VREFH and
VDD_HV_A i.e., VDD_HV_A < VREFH <= VDD_HV_A + 0.1V) is for RF-AC only. Appropriate decoupling capacitors should
be used to filter noise on the supplies. See application note AN5032 for reference supply design for SAR ADC
7. Open-drain outputs must be pulled respectively to their supply rail (VDD_HV_A or VDD_HV_B).
8. When input pad voltage levels are close to VDD_HV_A (respectively to VDD_HV_B) or VSS, practically no current injection
is possible.
9. The MCU supply ramp rate parameter must be applicable to the MCU input/external supplies. The ramp rate assumes that
the S32K3xx HW design guidelines available on www.nxp.com are followed.
5.3 Thermal operating characteristics
Table 4. Thermal operating characteristics
Symbol
Description
Min
Typ
Max
Unit
Condition
Spec
Number
Tamb
Ambient temperature -40
—
105
°C
V- Grade
—
Tamb
Ambient temperature -40
—
125
°C
M- Grade
—
TJ
Junction
temperature
-40
—
150
°C
—
—
NXP Semiconductors
General
S32K3xx Data Sheet, Rev. 8, 06/2023
Data Sheet: Technical Data
Preliminary Information for S32K3x8
20 / 136



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com