Electronic Components Datasheet Search
  English  ▼

X  

S32K310 Datasheet(PDF) 84 Page - NXP Semiconductors

Part # S32K310
Description  Supports S32K344, S32K324, S32K314, S32K312, S32K311, S32K310, S32K341, S32K342 and S32K322. Data is preliminary for S32K328, S32K338, S32K348, S32K358 and S32K388
PDF  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

S32K310 Datasheet(HTML) 84 Page - NXP Semiconductors

Back Button S32K310 Datasheet HTML 80Page - NXP Semiconductors S32K310 Datasheet HTML 81Page - NXP Semiconductors S32K310 Datasheet HTML 82Page - NXP Semiconductors S32K310 Datasheet HTML 83Page - NXP Semiconductors S32K310 Datasheet HTML 84Page - NXP Semiconductors S32K310 Datasheet HTML 85Page - NXP Semiconductors S32K310 Datasheet HTML 86Page - NXP Semiconductors S32K310 Datasheet HTML 87Page - NXP Semiconductors S32K310 Datasheet HTML 88Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 84 / 136 page
background image
Table 42. Fast External Oscillator (FXOSC) (continued)
Symbol
Description
Min
Typ
Max
Unit
Condition
Spec
Number
TFXOSC
Fxosc start up
time (ALC enabled) 2
—
—
2
ms
—
—
IFXOSC
Oscillator Analog
circuit supply
current, V25 supply
(ALC enable)
—
—
1
mA
using 8, 16 or 40 MHz
crystal
—
IFXOSC
Oscillator Analog
circuit supply
current, V25 supply
(ALC disabled)
—
—
2.7
mA
using 8, 16 or 40 MHz
crystal
—
EXTAL_SWING_
PP
Peak-to-peak
voltage swing on
EXTAL pin in crystal
oscillator mode (ALC
enabled)
0.3
—
1.4
V
—
—
EXTAL_SWING_
PP
Peak-to-peak
voltage swing on
EXTAL pin in crystal
oscillator mode (ALC
disabled) 3
1.2
—
2.75
V
—
—
CLKIN_VIL_
EXTAL_BYPASS
Input clock low level
in bypass mode
0
—
vref-0.5
V
vref=0.5*VDD_HV_A
—
CLKIN_VIH_
EXTAL_BYPASS
Input clock high level
in bypass mode
vref+0.5
—
VDD_HV
_A
V
vref=0.5*VDD_HV_A
—
VSB
Self Bias Voltage
350
—
850
mV
—
—
GM
Amplifier
Transconductance
9.7
—
18.5
mA/V
GM_SEL[3:0] =
4`b1111
—
1. For bypass mode applications, the EXTAL pin should be driven low when FXOSC is in off/disabled state.
2. The startup time specification is valid only when the recommended crystal and load capacitors are used. For higher load
capacitances, the actual startup time might be higher.
3. The recommended gm setting to ensure extal swing < 2.75V at 8MHz in ALC-disabled mode is gm=4'b0010.
Recommended gm settings in ALC-disabled mode for all other supported frequencies and crystals remain the same.
To ensure stable oscillations, FXOSC incorporates the feedback resistance internally.
Drive level is a crystal specification and if crystal load capacitance is increased beyond the recommended value, it may violate
the crystal drive level rating. In such cases, contact NXP sales representative for selecting the correct crystal.
NXP Semiconductors
Clocking modules
S32K3xx Data Sheet, Rev. 8, 06/2023
Data Sheet: Technical Data
Preliminary Information for S32K3x8
84 / 136



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com